전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC10LF320T-IMCSQTP 데이터시트(PDF) 69 Page - Microchip Technology

부품명 PIC10LF320T-IMCSQTP
상세설명  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10LF320T-IMCSQTP 데이터시트(HTML) 69 Page - Microchip Technology

Back Button PIC10LF320T-IMCSQTP Datasheet HTML 65Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 66Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 67Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 68Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 69Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 70Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 71Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 72Page - Microchip Technology PIC10LF320T-IMCSQTP Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 210 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41585A-page 69
PIC10(L)F320/322
9.5
Write Verify
It is considered good programming practice to verify that
program memory writes agree with the intended value.
Since program memory is stored as a full page then the
stored program memory contents are compared with the
intended data stored in RAM after the last write is
complete.
FIGURE 9-8:
FLASH PROGRAM
MEMORY VERIFY
FLOWCHART
Start
Verify Operation
Read Operation
(Figure x.x)
End
Verify Operation
This routine assumes that the last row
of data written was from an image
saved in RAM. This image will be used
to verify the data currently stored in
Flash Program Memory.
PMDAT =
RAM image
?
Last
Word ?
Fail
Verify Operation
No
Yes
Yes
No
Figure 9-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More