| 전자부품 데이터시트 검색엔진 |
|
MCP6043IST 데이터시트(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6043IST 데이터시트(HTML) 6 Page - Microchip Technology |
|
6 / 34 page ![]() MCP6041/2/3/4 DS21669C-page 6 © 2008 Microchip Technology Inc. Note: Unless otherwise indicated, T A = +25°C, VDD = +1.4V to +6.0V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2, VL =VDD/2, RL =1MΩ to VL, and CL =60 pF. FIGURE 2-7: Input Offset Voltage vs. Output Voltage. FIGURE 2-8: Input Noise Voltage Density vs. Frequency. FIGURE 2-9: CMRR, PSRR vs. Frequency. FIGURE 2-10: The MCP6041/2/3/4 family shows no phase reversal. FIGURE 2-11: Input Noise Voltage Density vs. Common Mode Input Voltage. FIGURE 2-12: CMRR, PSRR vs. Ambient Temperature. 250 300 350 400 450 500 0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.05.5 Output Voltage (V) VDD = 5.5V VDD = 1.4V 100 1000 0.1 1 10 100 1000 Frequency (Hz) 20 30 40 50 60 70 80 90 0.1 1 10 100 1000 Frequency (Hz) PSRR– PSRR+ CMRR Referred to Input -1 0 1 2 3 4 5 6 0 5 10 15 20 25 Time (5 ms/div) VIN VDD = 5.0V G = +2 V/V VOUT 0 50 100 150 200 250 300 Common Mode Input Voltage (V) f = 1 kHz VDD = 5.0V 70 75 80 85 90 95 100 -50 -25 0 255075 100 125 Ambient Temperature (°C) PSRR (VCM = VSS) CMRR (VDD = 5.0V, VCM = -0.3V to +5.3V) |