| 전자부품 데이터시트 검색엔진 |
|
CD74ACT573M 데이터시트(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CD74ACT573M 데이터시트(HTML) 3 Page - NXP Semiconductors |
|
3 / 14 page ![]() BZB84_SER_3 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 03 — 9 June 2009 3 of 14 NXP Semiconductors BZB84 series Dual Zener diodes [1] * = -: made in Hong Kong * = p: made in Hong Kong * = t: made in Malaysia * = W: made in China 5. Limiting values BZB84-B10 VS* BZB84-C10 US* BZB84-B11 VT* BZB84-C11 UT* BZB84-B12 VU* BZB84-C12 UU* BZB84-B13 VV* BZB84-C13 UV* BZB84-B15 VW* BZB84-C15 UW* BZB84-B16 PT* BZB84-C16 PB* BZB84-B18 PU* BZB84-C18 PC* BZB84-B20 RP* BZB84-C20 RQ* BZB84-B22 PV* BZB84-C22 PD* BZB84-B24 PW* BZB84-C24 PE* BZB84-B27 PX* BZB84-C27 PF* BZB84-B30 PY* BZB84-C30 PG* BZB84-B33 PZ* BZB84-C33 PH* BZB84-B36 RA* BZB84-C36 PJ* BZB84-B39 RB* BZB84-C39 PK* BZB84-B43 RC* BZB84-C43 PL* BZB84-B47 RD* BZB84-C47 PM* BZB84-B51 RE* BZB84-C51 PN* BZB84-B56 RF* BZB84-C56 PP* BZB84-B62 RG* BZB84-C62 PQ* BZB84-B68 RH* BZB84-C68 PR* BZB84-B75 RJ* BZB84-C75 PS* Table 4. Marking codes …continued Type number Marking code[1] Type number Marking code[1] Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit Per diode IF forward current - 200 mA IZSM non-repetitive peak reverse current [1] - see Table 8, 9, 10 and 11 PZSM non-repetitive peak reverse power dissipation [1] -40 W |