전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP4653 데이터시트(PDF) 20 Page - Monolithic Power Systems

부품명 MP4653
상세설명  Real LIPS CC/CV Mode LLC TV LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4653 데이터시트(HTML) 20 Page - Monolithic Power Systems

Back Button MP4653 Datasheet HTML 16Page - Monolithic Power Systems MP4653 Datasheet HTML 17Page - Monolithic Power Systems MP4653 Datasheet HTML 18Page - Monolithic Power Systems MP4653 Datasheet HTML 19Page - Monolithic Power Systems MP4653 Datasheet HTML 20Page - Monolithic Power Systems MP4653 Datasheet HTML 21Page - Monolithic Power Systems MP4653 Datasheet HTML 22Page - Monolithic Power Systems MP4653 Datasheet HTML 23Page - Monolithic Power Systems MP4653 Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
MP4653—REAL LIPS CC/CV MODE LLC TV LED DRIVER
MP4653 Rev 1.01
www.MonolithicPower.com
20
6/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the LED Current (Pin7, IFB)
The external LED current sensing resistor sets
the maximum LED current (refer to TYPICAL
APPLICATION CIRCUIT) and value can be
determined using the equation:
LED
0.2V
Rsense
I
The ILED is the total current of the LED strings.
It is recommended a 1k resistor between the IFB
pin and the current sensing resistor for short
proteciton.
Setting the minimum/maximum operating
frequency (Pin1 SS, Pin2 FSET)
The
operating
frequency
of
MP4653
is
determined by the sourcing current through SS
pin and FSET pin.
9
FSET
op
SS _ FSET
FSET
V
21.49V
f(
) 1.98 10
RR

The VFSET voltage is the larger value of the
outputs of internal amplifiers for voltage loop and
current loop. It is in range of 1~2.2V.
The minimum operating frequency is set by:
9
min
SS _ FSET
FSET
21.49V
2.2V
f(
) 1.98 10
RR

The maximum operating frequency is set by:
9
max
SS _ FSET
FSET
21.49V
1V
f(
) 1.98 10
RR

Setting the Soft Start up Frequency and Soft
Start Time (Pin1 SS)
The soft start up frequency is:
SS _ FSET
SS
9
s_ start
SS _ FSET
SS
FSET
21.49V (R
R )
1V
f(
) 1.98 10
R* R
R


Usually, the soft start up frequency could be 1.5
to 3 times of the maximum operating frequency.
The soft start time is determined by the RC
Constant of Rss and CSS. The soft start time
could be estimated with 3 times of the RC
Constant:
SS
SS
SS
T3 R
C

Setting the Voltage Loop Feedback (Pin4 VFB)
The voltage on VFB pin should between 1.2V
and 2V at normal operation. Set the voltage
feedback divider (RVFBH and RVFBL) and make
sure the feedback voltage is in this range at
normal operation.
VFBL
VFB
bus
VFBH
VFBL
R
1.2V
V
V
2V
RR

The VFB pin also functions as the over voltage
protection for the bus stage. When the voltage on
VFB gets higher than 2.4V, IC triggers bus stage
protection.
Setting Over-Voltage Protection of the LED
Stage (Pin9,10,11,12)
The voltage divider sets the over-voltage
protection
point
(refer
to
TYPICAL
APPLICATION CIRCUIT) through the equation:
OVPH
OVPL
OVP
OVPL
RR
V2.4V
R

Normally, the OVP point is setting about 10%-
30% higher than the maximum LED voltage.
Setting the Voltage Difference Protection of
the LED Strings (Pin9,10,11,12)
MP4653 implements the protection when LED
string voltage is different from each other, in
order to protect the condition that several LEDs
in a string are shorted. It is used only for multiple-
strings application. The protection point of the
voltage difference between LED strings is set by:
input
OVPH
OVPL
pro
OVPL
23k R
RR
V2.4V
R16 23k

Where Rinput is the input resistance of the LED#
pin. Adjust the input resistance to program the
protection point.
Application can add a resistor RX between the
voltage divider and LED# pins to adjust the input
resistance.
OVPH
OVPL
input
X
OVPL
OVPH
RR
RR
RR




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com