전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP4690GSD 데이터시트(PDF) 5 Page - Monolithic Power Systems

부품명 MP4690GSD
상세설명  Smart Bypass For LED Open Protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPS [Monolithic Power Systems]
홈페이지  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4690GSD 데이터시트(HTML) 5 Page - Monolithic Power Systems

  MP4690GSD Datasheet HTML 1Page - Monolithic Power Systems MP4690GSD Datasheet HTML 2Page - Monolithic Power Systems MP4690GSD Datasheet HTML 3Page - Monolithic Power Systems MP4690GSD Datasheet HTML 4Page - Monolithic Power Systems MP4690GSD Datasheet HTML 5Page - Monolithic Power Systems MP4690GSD Datasheet HTML 6Page - Monolithic Power Systems MP4690GSD Datasheet HTML 7Page - Monolithic Power Systems MP4690GSD Datasheet HTML 8Page - Monolithic Power Systems MP4690GSD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP4690 – SMART BYPASS FOR LED OPEN PROTECTION
MP4690 Rev. 1.0
www.MonolithicPower.com
5
7/7/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
ILED=700mA, TA=+25°C, unless otherwise noted.
VDS
2V/div.
ILED
500mA/div.
VDS
2V/div.
ILED
500mA/div.
VDS
2V/div.
ILED
500mA/div.
VDS
2V/div.
ILED
500mA/div.
VDS
2V/div.
ILED
500mA/div.
VDS
2V/div.
ILED
500mA/div.
VDS
2V/div.
ILED
500mA/div.
Steady State of No
LED Open
Steady State of LED
Open Circuit
Zoom In Steady State
Waveform
Open Protection Entry
Protection Exit when
LED Heals
PWM Dimming at Small Duty
Cycle with one LED Open
Fs=1kHz, D=10%
PWM Dimming at Large Duty
Cycle with one LED Open
Fs=1kHz, D=90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com