전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AUIPS1021 데이터시트(PDF) 4 Page - International Rectifier

부품명 AUIPS1021
상세설명  INTELLIGENT POWER LOW SIDE SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

AUIPS1021 데이터시트(HTML) 4 Page - International Rectifier

  AUIPS1021 Datasheet HTML 1Page - International Rectifier AUIPS1021 Datasheet HTML 2Page - International Rectifier AUIPS1021 Datasheet HTML 3Page - International Rectifier AUIPS1021 Datasheet HTML 4Page - International Rectifier AUIPS1021 Datasheet HTML 5Page - International Rectifier AUIPS1021 Datasheet HTML 6Page - International Rectifier AUIPS1021 Datasheet HTML 7Page - International Rectifier AUIPS1021 Datasheet HTML 8Page - International Rectifier AUIPS1021 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AUIPS1021(S)(R)
Static Electrical Characteristics
Tj= -40..150°C, Vcc=6..28V (unless otherwise specified), typical value are given for Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ON state resistance Tj=25°C
20
25
Rds(on)
ON state resistance Tj=150°C (2)
38
48
m
Vin=5V, Ids=8A
Idss1
Drain to source leakage current
0.1
2
Vcc=14V, Tj=25°C
Idss2
Drain to source leakage current
0.2
4
µA
Vcc=28V, Tj=25°C
V clamp1
Drain to source clamp voltage 1
36
39
Id=20mA
V clamp2
Drain to source clamp voltage 2
39
42
Id=2A
Vin clamp
IN to source pin clamp voltage
5.5
6.5
7.5
Iin=1mA
Vth
Input threshold voltage
1.7
V
Id=10mA
Switching Electrical Characteristics
Vcc=14V, Resistive load=1.5
, Rinput=0, Vin=5V, Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tdon
Turn-on delay time to 20%
10
30
100
Tr
Rise time 20% to 80%
10
30
60
Tdoff
Turn-off delay time to 80%
40
150
400
Tf
Fall time 80% to 20%
15
30
60
µs
See figure 2
Eon + Eoff
Turn on and off energy
2
mJ
Protection Characteristics
Tj= -40..150°C, Vcc=6..28V (unless otherwise specified), typical value are given for Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Tsd
Over temperature threshold
150(2)
165
°C
See figure 1
Isd
Over current threshold
20
45
58
A
See figure 1
OV
Over voltage protection ( not active when
the device is ON )
34
37
V
Vreset
IN protection reset threshold
1.7
V
Treset
Time to reset protection
15(2)
50
200
µs
Vin=0V
Diagnostic
Tj= -40..150°C, Vcc=6..28V (unless otherwise specified), typical value are given for Tj=25°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Iin, on
ON state IN positive current
15
32
70
Iin, off
OFF state IN positive current
(after protection latched)
150
230
350
µA
Vin=5V
Vin=5V
(2) Guaranteed by design
www.irf.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com