전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F373V8 데이터시트(PDF) 47 Page - STMicroelectronics

부품명 STM32F373V8
상세설명  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373V8 데이터시트(HTML) 47 Page - STMicroelectronics

Back Button STM32F373V8 Datasheet HTML 43Page - STMicroelectronics STM32F373V8 Datasheet HTML 44Page - STMicroelectronics STM32F373V8 Datasheet HTML 45Page - STMicroelectronics STM32F373V8 Datasheet HTML 46Page - STMicroelectronics STM32F373V8 Datasheet HTML 47Page - STMicroelectronics STM32F373V8 Datasheet HTML 48Page - STMicroelectronics STM32F373V8 Datasheet HTML 49Page - STMicroelectronics STM32F373V8 Datasheet HTML 50Page - STMicroelectronics STM32F373V8 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 131 page
background image
Table 17. Alternate functions for port PF
Pin Name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PF0
I2C2_SDA
PF1
I2C2_SCL
PF2
EVENTOUT
I2C2_SMBA
PF4
EVENTOUT
PF6
EVENTOUT
TIM4_CH4
I2C2_SCL
SPI1_MOSI/I2S1_SD
USART3_RTS
PF7
EVENTOUT
I2C2_SDA
USART2_CK
PF9
EVENTOUT
TIM14_CH1
PF10
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More