전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F373VC 데이터시트(PDF) 43 Page - STMicroelectronics

부품명 STM32F373VC
상세설명  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373VC 데이터시트(HTML) 43 Page - STMicroelectronics

Back Button STM32F373VC Datasheet HTML 39Page - STMicroelectronics STM32F373VC Datasheet HTML 40Page - STMicroelectronics STM32F373VC Datasheet HTML 41Page - STMicroelectronics STM32F373VC Datasheet HTML 42Page - STMicroelectronics STM32F373VC Datasheet HTML 43Page - STMicroelectronics STM32F373VC Datasheet HTML 44Page - STMicroelectronics STM32F373VC Datasheet HTML 45Page - STMicroelectronics STM32F373VC Datasheet HTML 46Page - STMicroelectronics STM32F373VC Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 131 page
background image
Table 13. Alternate functions for port PB
Pin
Name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF15
PB0
TIM3_CH3
TSC_
G3_IO3
SPI_MOSI/
I2S1_SD
TIM3_
CH2
EVENTOUT
PB1
TIM3_CH4
TSC_
G3_IO4
EVENTOUT
PB2
EVENTOUT
PB3
JTDO-
TRACESWO
TIM2_
CH2
TIM4_ETR
TSC_
G5_IO1
SPI1_SCK/
I2S1_CK
SPI3_SCK/
I2S3_CK
USART2_TX
TIM13_
CH1
TIM3_
ETR
EVENTOUT
PB4
NJTRST
TIM16_
CH1
TIM3_CH1
TSC_
G5_IO2
SPI1_MISO
/I2S1_MCK
SPI3_MISO/
I2S3_MCK
USART2_RX
TIM15_
CH1N
TIM17
_BKIN
EVENTOUT
PB5
TIM16_
BKIN
TIM3_CH2
I2C1_
SMBA
SPI1_MOSI
/I2S1_SD
SPI3_MOSI
/I2S3_SD
USART2_CK
TIM17
_CH1
TIM19
_ETR
EVENTOUT
PB6
TIM16_
CH1N
TIM4_CH1
TSC_
G5_IO3
I2C1_
SCL
USART1_TX
TIM15_
CH1
TIM3_
CH3
TIM19
_CH1
EVENTOUT
PB7
TIM17_
CH1N
TIM4_CH2
TSC_
G5_IO4
I2C1_
SDA
USART1_RX
TIM15_
CH2
TIM3_
CH4
TIM19
_CH2
EVENTOUT
PB8
TIM16_
CH1
TIM4_CH3
TSC_
SYNC
I2C1_
SCL
SPI2_SCK/
I2S2_CK
CEC
USART3_TX
COMP1
_OUT
CAN_
RX
TIM19
_CH3
EVENTOUT
PB9
TIM17_
CH1
TIM4_CH4
I2C1_
SDA
SPI2_NSS/
I2S2_WS
IR-OUT
USART3_RX
COMP2
_OUT
CAN_
TX
TIM19
_CH4
EVENTOUT
PB10
TIM2_
CH3
TSC_
SYNCH
SPI2_SCK/
I2S2_CK
CEC
USART3_TX
EVENTOUT
PB14
TIM15_
CH1
TSC_
G6_IO1
SPI2_MISO
/I2S2_MCK
USART3_RTS
TIM12_
CH1
EVENTOUT
PB15 RTC_REFIN
TIM15_
CH2
TIM15_
CH1N
TSC_
G6_IO2
SPI2_MOSI
/I2S2_SD
TIM12_
CH2
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More