| 전자부품 데이터시트 검색엔진 |
|
APT5010B2LL 데이터시트(PDF) 3 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
APT5010B2LL 데이터시트(HTML) 3 Page - Microsemi Corporation |
|
3 / 5 page ![]() Typical Performance Curves APT5010B2LL_LLL (G) 0 5 10 15 20 25 30 01 2 345 67 8 9 10 0 20 40 60 80 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150 100 90 80 70 60 50 40 30 20 10 0 50 40 30 20 10 0 2.5 2.0 1.5 1.0 0.5 0.0 120 100 80 60 40 20 0 1.2 1.15 1.1 1.05 1.0 0.95 0.9 1.15 1.10 1.05 1.00 0.95 0.90 0.85 1.2 1.1 1.0 0.9 0.8 0.7 0.6 I D = 23A V GS = 10V TJ = +125°C TJ = +25°C TJ = -55°C VDS> ID (ON) x RDS (ON)MAX. 250 µSEC. PULSE TEST @ <0.5 % DUTY CYCLE VGS=10V VGS=20V NORMALIZED TO V GS = 10V @ 23A 15 &10V 8V 6V 5.5V 6.5V 7V 7.5V V DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 2, TRANSIENT THERMAL IMPEDANCE MODEL FIGURE3,LOW VOLTAGE OUTPUTCHARACTERISTICS V GS, GATE-TO-SOURCE VOLTAGE (VOLTS) I D, DRAIN CURRENT (AMPERES) FIGURE4, TRANSFERCHARACTERISTICS FIGURE 5, R DS(ON) vs DRAIN CURRENT T C, CASE TEMPERATURE (°C) T J, JUNCTION TEMPERATURE (°C) FIGURE6,MAXIMUMDRAINCURRENTvsCASETEMPERATURE FIGURE7,BREAKDOWNVOLTAGEvsTEMPERATURE T J, JUNCTION TEMPERATURE (°C) T C, CASE TEMPERATURE (°C) FIGURE8,ON-RESISTANCEvs.TEMPERATURE FIGURE9,THRESHOLDVOLTAGEvsTEMPERATURE 0.0131 0.0789 0.0811 0.00266F 0.00584F 0.0796F Power (watts) Junction temp. ( °C) RC MODEL Case temperature. ( °C) 0.230 0.460F |