전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APT102GA60B2 데이터시트(PDF) 13 Page - Microsemi Corporation

부품명 APT102GA60B2
상세설명  Power Semiconductors Power Modules
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT102GA60B2 데이터시트(HTML) 13 Page - Microsemi Corporation

Back Button APT102GA60B2 Datasheet HTML 9Page - Microsemi Corporation APT102GA60B2 Datasheet HTML 10Page - Microsemi Corporation APT102GA60B2 Datasheet HTML 11Page - Microsemi Corporation APT102GA60B2 Datasheet HTML 12Page - Microsemi Corporation APT102GA60B2 Datasheet HTML 13Page - Microsemi Corporation APT102GA60B2 Datasheet HTML 14Page - Microsemi Corporation APT102GA60B2 Datasheet HTML 15Page - Microsemi Corporation APT102GA60B2 Datasheet HTML 16Page - Microsemi Corporation APT102GA60B2 Datasheet HTML 17Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13
*Current ratings per leg
++ Parallel Form Only
Datasheets available on www.microsemi.com
All Products RoHS Compliant
at IF = IF (avg)
TO-247[BCT]
*Common Cathode
TO-247[BHB]
*Half Bridge
TO-247[BCA]
*Common Anode
TO-264[LCT]
*Common Cathode
T-MAX® [B2CT]
*Common Cathode
TO-220[KCT]
*Common Cathode
ISOTOP®[J] SOT-227
Antiparallel
Configuration
(ISOLATED BASE)
Part Numbers for Parallel
Configuration replace 30, 60,
or 100 with 31, 61, or 101.
Except Schottky
Example: 2X30D120J
becomes 2X31D120J
DUAL
Ultra Fast Recovery Diodes
I
F (avg)
V
F (volts)
t
RR(ns)
Q
RR (nC)
Diode
Package
Volts
Amps
Typ 25OC
Typ 25OC
Typ 125OC
Series
Part Number
Style
2x27
2.0
31
3450
D
APT2X30D120J
2x30
2.6
25
1800
DQ
APT2X30DQ120J
2x53
2.0
38
4000
D
APT2X60D120J
1200
2x60
2.5
30
2890
DQ
APT2X60DQ120J
2x93
2.0
47
5350
D
APT2X100D120J
2x100
2.4
45
5240
DQ
APT2X100DQ120J
2x28
1.9
29
2350
D
APT2X30D100J
2x55
1.9
34
3600
D
APT2X60D100J
1000
2x60
2.2
30
2350
DQ
APT2X60DQ100J
2x95
1.9
43
4050
D
APT2X100D100J
2x100
2.1
45
3645
DQ
APT2X100DQ100J
2x30
1.8
20
400
DQ
APT2X30DQ60J
2x30
1.6
23
700
D
APT2X30D60J
ISOTOP®
600
2x60
1.7
27
650
DQ
APT2X60DQ60J
2x60
1.6
40
920
D
APT2X60D60J
2x100
1.6
30
980
DQ
APT2X100DQ60J
2x100
1.6
34
1450
D
APT2X100D60J
2x150
1.25
53
3800
DL
APT2X150DL60J
2x30
1.3
22
360
D
APT2X30D40J
400
2x60
1.3
30
540
D
APT2X60D40J
2x100
1.3
37
1050
D
APT2X100D40J
2x100
1.0
40
3550
DL
APT2X101DL40J++
300
2x100
1.2
36
650
D
APT2X101D30J
2x30
0.80
25
448
Schottky
APT2X31S20J
200
2x60
0.83
35
490
Schottky
APT2X61S20J
2x100
1.1
39
840
D
APT2X100D20J
2x100
0.89
40
690
Schottky
APT2X101S20J
1200
2x30
2.8
26
2100
DQ
APT30DQ120BCTG
TO-247 [BCT]
2x15
2.5
20
810
DQ
APT15DQ100BCTG
TO-247 [BCT]
2x15
1.9
28
1550
D
APT15D100BCTG
TO-247 [BHB]
2x30
1.9
29
2360
D
APT30D100BCTG
TO-247 [BHB]
1000
2x30
1.9
30
2350
D
APT30D100BHBG
TO-247 [BCA]
2x60
2.5
29
2325
DQ
APT60DQ100LCTG
TO-264 [LCT]
2x60
1.9
35
3600
D
APT60D100LCTG
TO-264 [LCT]
2x15
1.6
21
520
D
APT15D60BCTG
T0-247
2x15
2.0
15
250
DQ
APT15DQ60BCTG
TO-247 [BCT]
2x15
1.6
20
520
D
APT15D60BCAG
TO-247 [BCA]
2x30
2.0
22
480
DQ
APT30DQ60BHBG
TO-247 [BHB]
2x30
2.0
19
400
DQ
APT30DQ60BCTG
TO-247 [BCT]
600
2x30
1.6
23
700
D
APT30D60BCTG
TO-247 [BCT]
2x30
1.6
25
700
D
APT30D60BHBG
TO-247 [BHB]
2x30
1.6
25
700
D
APT30D60BCAG
TO-247 [BCA]
2x40
2.0
22
480
DQ
APT40DQ60BCTG
TO-247 [BCT]
2x60
2.0
26
640
DQ
APT60DQ60BCTG
TO-247 [BCT]
2x60
1.6
30
920
D
APT60D60LCTG
TO-264 [LCT]
2x30
1.3
22
360
D
APT30D40BCTG
TO-247 [BCT]
400
2x60
1.3
30
540
D
APT60D40LCTG
TO-264 [LCT]
300
2x30
1.2
25
1300
D
APT30D30BCTG
TO-247 [BCT]
2x30
1.1
21
150
D
APT30D20BCTG
TO-247 [KCT]
2x30
1.1
21
150
D
APT30D20BCAG
TO-247 [BCA]
2x30
0.80
25
448
Schottky
APT30S20BCTG
TO-247 [BCT]
200
2x60
0.83
35
490
Schottky
APT60S20B2CTG
T-MAX® [B2CT]
2x100
0.89
40
690
Schottky
APT100S20LCTG
TO-264[LCT]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44