전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APT80GA90LD40 데이터시트(PDF) 8 Page - Microsemi Corporation

부품명 APT80GA90LD40
상세설명  Power Semiconductors Power Modules RF Power MOSFETs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT80GA90LD40 데이터시트(HTML) 8 Page - Microsemi Corporation

Back Button APT80GA90LD40 Datasheet HTML 4Page - Microsemi Corporation APT80GA90LD40 Datasheet HTML 5Page - Microsemi Corporation APT80GA90LD40 Datasheet HTML 6Page - Microsemi Corporation APT80GA90LD40 Datasheet HTML 7Page - Microsemi Corporation APT80GA90LD40 Datasheet HTML 8Page - Microsemi Corporation APT80GA90LD40 Datasheet HTML 9Page - Microsemi Corporation APT80GA90LD40 Datasheet HTML 10Page - Microsemi Corporation APT80GA90LD40 Datasheet HTML 11Page - Microsemi Corporation APT80GA90LD40 Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
Datasheets available on www.microsemi.com
All Products RoHS Compliant
BV
(DSS)
Volts
R
DS(ON)
Max
I
D
MOSFET
Part #
I
D
FREDFET
Part #
Package
600
0.62
12
APT12F60K
TO-220
0.43
16
APT15F60B
TO-247 or D3
0.37
19
APT18F60B
TO-247 or D3
0.29
24
APT23F60B
TO-247 or D3
0.22
30
APT28F60B
TO-247 or D3
0.19
36
APT34M60B
36
APT34F60B
TO-247
0.15
45
APT43M60B2
45
APT43F60B2
T-MAX® or TO-264
0.15
31
APT30M60J
31
APT30F60J
ISOTOP®
0.11
60
APT56M60B2
60
APT56F60B2
T-MAX® or TO-264
0.11
42
APT39M60J
42
APT39F60J
ISOTOP®
0.09
70
APT66M60B2
70
APT66F60B2
T-MAX® or TO-264
0.09
49
APT47M60J
49
APT47F60J
ISOTOP®
0.055
84
APT80M60J
84
APT80F60J
ISOTOP®
500
0.39
15
APT15F50K
TO-220[K] or TO-220[KF]*
0.30
20
APT20F50B
TO-247 or D3
0.24
24
APT24F50B
TO-247 or D3
0.19
30
APT30F50B
TO-247 or D3
0.15
37
APT37F50B
TO-247 or D3
0.13
43
APT42F50B
TO-247 or D3
0.10
56
APT56M50B2
56
APT56F50B2
T-MAX® or TO-264
0.10
38
APT38M50J
38
APT38F50J
ISOTOP®
0.075
75
APT75M50B2
75
APT75F50B2
T-MAX® or TO-264
0.075
51
APT51M50J
51
APT51F50J
ISOTOP®
0.062
84
APT84M50B2
84
APT84F50B2
T-MAX® or TO-264
0.062
58
APT58M50J
58
APT58F50J
ISOTOP®
0.036
103
APT100M50J
103
APT100F50J
ISOTOP®
300
0.085
40
APT30M85BVRG
40
APT30M85BVFRG
TO-247
0.070
48
APT30M70BVRG
48
APT30M70BVFRG
TO-247 or D3
0.040
70
APT30M40JVRG
70
APT30M40JVFRG
ISOTOP®
0.019
130
APT30M19JVR
130
APT30M19JVFR
ISOTOP®
200
0.045
56
APT20M45BVRG
56
APT20M45BVFRG
TO-247
0.038
67
APT20M38BVRG
37
APT20M38BVFRG
TO-247 or D3 or T/R
0.022
100
APT20M22B2VRG
100
APT20M22B2VFRG
T-MAX® or TO-264
0.011
175
APT20M11JVR
175
APT20M11JVFR
ISOTOP®
TO-247[B]
D3 PAK[S]
ISOTOP®[J]
SOT-227
(ISOLATED BASE)
TO-264[L]
T-MAX®[B2]
TO-220[K] or TO-220[KF]*
Part Numbers for D3 packages
- replace "B" with "S" in part
number
Power MOS 8TM MOSFETs / FREDFETs
Low Voltage Power MOS V® MOSFETs / FREDFETs
Part Numbers for TO-264
packages - replace "B2" with
"L" in part number
* Available on APT15F50K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44