전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B06B-PASK 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 B06B-PASK
상세설명  PA FAMILY SERIES/PA?줡AF?줡AL CONNECTOR Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

B06B-PASK 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  B06B-PASK Datasheet HTML 1Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 2Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 3Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 4Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 5Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 6Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 7Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 8Page - List of Unclassifed Manufacturers B06B-PASK Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
62
PA FAMILY SERIES /PA•PAF•PAL CONNECTOR
List of combinations ––––––––––––––––––––––––––––––––––––––––––––––––––––––
Crimp style
Retainer mountable type
Insulation displacement type
Crimp style
Standard type
Contact
SPA-001T-P0.5
Housing
PARP-( )V
Retainer
PMS-( )V-S
Contact
SPHD-001T-P0.5
SPHD-002T-P0.5
Housing
PAP-( )V-S
Receptacle
( )PAF-6S
Retainer
PAFS-( )V-S
Wire to wire Connectors
High box type
SMT type
Top entry type
Side entry type
Top entry type
Side entry type
Shrouded header
BM( )B-PASS
BM( )B-PASS-1
SM( )B-PASS
SM( )B-PASS-1
Shrouded header
B( )B-PASK
B( )B-PASK-1
S( )B-PASK-2
Shrouded header
BH( )B-PASK
BH( )B-PASK-1
Contact
SPAL-001T-P0.5
SPAL-002T-P0.5
Receptacle housing
PALR-( )V(F)
Retainer
PMS-( )V-S
PA Connector (Standard type)
• Current rating:
3A AC, DC (AWG#22)
• Voltage rating:
250V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying electrical current)
• Contact resistance: Initial value/10m
Ω max.
After environmental testing/20m
Ω max.
• Insulation resistance:
1,000M
Ω min.
• Withstanding voltage:
800V AC/minute
• Applicable wire: AWG #28 to #22
• Applicable PC board thickness: 1.6mm(.063")
PA Connector (Retainer mountable type)
• Current rating:
3A AC, DC (AWG#22)
• Voltage rating:
100V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying electrical current)
• Contact resistance: Initial value/15m
Ω max.
After environmental testing/25m
Ω max.
• Insulation resistance:
1,000M
Ω min.
• Withstanding voltage:
800V AC/minute
• Applicable wire: AWG #28 to #22
PAF Connector
• Current rating:
1.0A AC, DC (AWG#26)
• Voltage rating:
100V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying electrical current)
• Contact resistance: Initial value/15m
Ω max.
After environmental testing/25m
Ω max.
• Insulation resistance:
1,000M
Ω min.
• Withstanding voltage:
800V AC/minute
• Applicable wire: UL1061(Contact JST for details regarding other UL wires.)
AWG #26
Conductor/7 strands, tin-coated annealed copper
Insulation O.D./0.9 to 1.0mm(.035" to .039")
PAL Connector
• Current rating:
3A AC, DC (AWG#22)
• Voltage rating:
100V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying electrical current)
• Contact resistance: Initial value/15m
Ω max.
After environmental testing/25m
Ω max.
• Insulation resistance:
1,000M
Ω min.
• Withstanding voltage:
800V AC/minute
• Applicable wire: AWG #28 to #22
• Applicable panel thickness : 0.5 to 2.0mm(.020" to .079")
Specifications ––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com