| 전자부품 데이터시트 검색엔진 |
|
SD3112-4R7-R 데이터시트(PDF) 21 Page - Skyworks Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
SD3112-4R7-R 데이터시트(HTML) 21 Page - Skyworks Solutions Inc. |
|
21 / 22 page ![]() 21 Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com 201999B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 20, 2013 AAT1171 600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch DATA SHEET Ordering Information Package Marking1 Part Number (Tape and Reel)2 TDFN33-12 RXXYY AAT1171IWP-1-T1 TDFN33-12 XCXYY AAT1171IWP-4-T1 TDFN33-12 XDXYY AAT1171IWP-5-T1 WLCSP-12 UGYW3 AAT1171IUP-1-T1 Skyworks Green™ products are compliant with all applicable legislation and are halogen-free. For additional information, refer to Skyworks Definition of Green™, document number SQ04-0074. Package Information4 TDFN33-12 Top View Bottom View Detail "A" Side View 3.00 ± 0.05 Index Area Detail "A" 1.70 ± 0.05 0.05 ± 0.05 0.43 ± 0.05 0.1 REF Pin 1 Indicator (optional) C0.3 All dimensions in millimeters. 1. XYY = assembly and date code. 2. Sample stock is generally held on part numbers listed in BOLD. 3. YW = data code (year, week) for WLCSP-12 package. 4. The leadless package family, which includes QFN, TQFN, DFN, TDFN and STDFN, has exposed copper (unplated) at the end of the lead terminals due to the manufacturing process. A solder fillet at the exposed copper edge cannot be guaranteed and is not required to ensure a proper bottom solder connection. WLCSP-12 |