전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APT15GT120BRG 데이터시트(PDF) 37 Page - Microsemi Corporation

부품명 APT15GT120BRG
상세설명  Power Semiconductors Power Modules
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT15GT120BRG 데이터시트(HTML) 37 Page - Microsemi Corporation

Back Button APT15GT120BRG Datasheet HTML 33Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 34Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 35Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 36Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 37Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 38Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 39Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 40Page - Microsemi Corporation APT15GT120BRG Datasheet HTML 41Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
37
SP1
SP4
SP6
DIODE Power Modules
SOT-227
VJ
SF1
D1
V
RRM
(V)
DIODE
Type
IF (A)
T
C=80º C
VF (V)
T
J=25º C
Package
Style
Part Number
200
FRED
30
1.0
SOT-227
APT30DF20HJ
60
1.0
SOT-227
APT60DF20HJ
100
1.0
SP4
APTDF100H20G
200
1.0
SP6
APTDF200H20G
600
30
1.6
SOT-227
APT30DL60HJ
30
1.8
SP1
APTDF30H601G
30
1.8
SOT-227
APT30DF60HJ
50
1.6
SOT-227
APT50DL60HJ
60
1.8
SOT-227
APT60DF60HJ
60
1.8
SP1
APTDF60H601G
75
1.6
SOT-227
APT75DL60HJ
100
1.6
SOT-227
APT100DL60HJ
100
1.6
SP1
APTDF100H601G
200
1.6
SP6
APTDF200H60G
1000
30
2.1
SOT-227
APT30DF100HJ
60
2.1
SOT-227
APT60DF100HJ
100
2.1
SP4
APTDF100H100G
200
2.1
SP6
APTDF200H100G
1200
30
2.6
SP1
APTDF30H1201G
30
2.6
SOT-227
APT30DF120HJ
35
1.6
SOT-227
APT35DL120HJ
50
1.6
SOT-227
APT50DL120HJ
60
2.6
SP1
APTDF60H1201G
60
2.6
SOT-227
APT60DF120HJ
75
1.6
SOT-227
APT75DL120HJ
100
2.5
SP1
APTDF100H1201G
200
2.4
SP6
APTDF200H120G
1700
50
1.8
SOT-227
APT50DF170HJ
75
1.8
SOT-227
APT75DF170HJ
100
2.2
SP4
APTDF100H170G
200
2.2
SP6
APTDF200H170G
45
SCHOTTKY
40
0.9
SOT-227
APT40DS04HJ
60
APT60DS04HJ
100
40
APT40DS10HJ
60
APT60DS10HJ
200
30
APT30DS20HJ
60
APT60DS20HJ
200
RECTIFIER
10
1.3
VJ
VJ248M
400
VJ448M
1600
40
SOT-227
APT40DR160HJ
90
APT90DR160HJ
250-700
Controlled
Avalanche
Rectifiers
10
1.3
VJ
VJ247M
450-900
VJ447M
660-1100
VJ647M
FULL BRIDGE
V
RRM
(V)
DIODE
Type
IF (A)
per Diode
VF/VTM (V)
T
J=25º C
Package
Style
Thyristor Diode Doubler
Thyristor Doubler
800
1200
1600
RECTIFIER
THYRISTOR
25
1.8
SF1
MSFC25-08/12/16
MSTC25-08/12/16
40
1.95
MSFC40-08/12/16
MSTC40-08/12/16
60
1.65
MSFC60-08/12/16
MSTC60-08/12/16
90
1.65
MSFC90-08/12/16
MSTC90-08/12/16
110
1.65
MSFC110-08/12/16
MSTC110-08/12/16
130
1.8
D1
MSFC130-08/12/16
MSTC130-08/12/16
160
1.7
MSFC160-08/12/16
MSTC160-08/12/16
THYRISTOR & DIODE DOUBLER
SP4
SP
S 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44