| 전자부품 데이터시트 검색엔진 |
|
CSTCR6M00G53-R0 데이터시트(PDF) 31 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
CSTCR6M00G53-R0 데이터시트(HTML) 31 Page - Murata Manufacturing Co., Ltd. |
|
31 / 32 page ![]() 29 Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. 8 8 AppendixEquivalent Circuit Constants of CERALOCK® (The equivalent circuit constants are not the guaranteed value but the standard value.) Equivalent Constant Part Number CSTLS4M00G53-B0 CSTLS6M00G53-B0 CSTLS8M00G53-B0 CSTLS10M0G53-B0 CSTLS16M0X55-B0 CSTLS20M0X53-B0 CSTLS24M0X53-B0 CSTLS27M0X51-B0 CSTLS32M0X51-B0 CSTLS33M8X51-B0 CSTLS36M0X51-B0 CSTLS40M0X51-B0 CSTLS50M0X51-B0 3784.4 5710.9 7604.7 9690.1 15972.9 19959.2 23955.8 27024.3 31918.4 33777.8 36033.6 39997.7 49946.3 4135.3 6199.5 8246.3 10399.1 16075.0 20070.8 24095.9 27172.8 32092.6 33969.7 36241.1 40240.1 50193.1 350.9 488.6 641.6 709.0 102.1 111.6 140.2 148.5 174.2 191.9 207.6 242.7 246.8 9.0 7.5 8.0 7.0 24.6 19.0 16.6 15.9 13.4 25.6 13.4 15.8 27.6 0.4611 0.2381 0.1251 0.0984 0.6572 0.4858 0.4205 0.3638 0.2481 0.2561 0.2260 0.2301 0.1856 3.8377 3.2635 3.5030 2.7448 0.1511 0.1309 0.1050 0.0953 0.1002 0.0867 0.0863 0.0688 0.0547 19.7730 18.2899 19.9175 18.0899 11.7835 11.6716 8.9440 8.6486 9.1542 7.6093 7.4700 5.6544 5.5234 1220 1135 775 947 2681 3203 3805 3877 3716 2120 3821 3651 2107 Fr (kHz) Fa (kHz) ∆F (kHz) R1 (Ω)L1 (mH) C1 (pF) C0 (pF) Qm (MHz band lead CERALOCK®) (MHz band Chip CERALOCK®) Equivalent Constant Part Number CSTCC2M00G53-R0 CSTCR4M00G53-R0 CSTCR6M00G53-R0 CSTCE8M00G52-R0 CSTCE10M0G52-R0 CSTCE12M0G52-R0 CSTCE16M0V53-R0 CSTCE20M0V53-R0 CSTCW24M0X51-R0 CSTCW33M8X51-R0 CSTCW48M0X51-R0 1894.2 2092.8 198.6 16.1 1.8473 3.8235 17.3264 1375 3856.0 4098.6 242.6 16.0 0.8445 2.0176 15.5455 1304 5789.4 6152.4 363.0 11.9 0.3899 1.9396 14.9946 1207 7726.6 8177.4 450.8 7.5 0.2621 1.6201 13.4902 1715 9602.0 10172.0 570.0 7.2 0.1674 1.6477 13.4755 1401 11597.4 12285.0 687.6 5.8 0.1175 1.6023 13.1239 1483 15634.2 16574.4 940.2 10.4 0.1084 0.9563 7.7184 1039 19576.0 20761.0 1185.0 11.0 0.0791 0.8366 6.7052 932 23938.7 24090.8 152.1 24.1 0.4716 0.0938 7.3546 2953 33799.3 34003.7 204.4 24.8 0.3249 0.0683 5.6326 2789 47949.9 48227.0 277.1 23.0 0.1978 0.0557 4.8049 2609 Fr (kHz) Fa (kHz) ∆F (kHz) R1 (Ω)L1 (mH) C1 (pF) C0 (pF) Qm P17E.pdf 2012.10.31 |