전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSO5000B 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 MSO5000B
상세설명  Mixed Signal Oscilloscopes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

MSO5000B 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MSO5000B Datasheet HTML 3Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 4Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 5Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 6Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 7Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 8Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 9Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 10Page - List of Unclassifed Manufacturers MSO5000B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Jitter analysis - TIE jitter/timing analysis of 622 Mb/s signal
Extend jitter/timing analysis with the optional DPOJET Advanced software
package (Option DJA). DPOJET Advanced adds advanced tools such as
Rj/Dj separation, eye diagram masks, and Pass/Fail limits for conformance
testing. DPOJET Advanced is also a measurement framework that works
with standards-specific compliance test packages for applications such as
DDR memory and USB.
Power analysis (optional)
The optional power analysis software package (Option PWR) enables quick
and accurate analysis of power quality, switching loss, harmonics, magnetic
measurements, safe operating area (SOA), modulation, ripple, and slew
rate (di/dt, dv/dt). Automated, repeatable power measurements are
available with a touch of a button; no external PC or complex software
setup is required. The package includes a report generation tool to create
customizable, detailed reports to document your measurement results.
Power- B-H plot.
DDR memory bus analysis (optional)
The optional DDR memory analysis software package (Option DDRA)
automatically identifies DDR1, DDR2, LP-DDR, and LP-DDR2 Reads and
Writes and makes JEDEC conformance measurements with Pass/Fail
results on all edges in every Read and Write burst, perfect for debugging
and troubleshooting DDR memory buses. Also provided are common
measurements of clock, address, and control signals. Used with DPOJET
(Option DJA), Option DDRA is the fastest way to debug complex memory
signaling issues.
Vector signal analysis (optional)
The optional SignalVu™ vector signal analysis package (Option SVE) easily
validates wideband designs and characterizes wideband spectral events.
By combining the signal analysis engine of Tektronix real-time spectrum
analyzers with the wide bandwidth acquisition of Tektronix digital
oscilloscopes, you can now evaluate complex baseband signals directly on
your oscilloscope. You get the functionality of a vector signal analyzer, a
spectrum analyzer, and the powerful trigger capabilities of a digital
oscilloscope - all in a single package. Whether your design validation needs
include wideband radar, high data-rate satellite links, or frequency hopping
communications, SignalVu™ vector signal analysis software can speed
your time-to-insight by showing you time-variant behavior of these
wideband signals.
SignalVu™ enables detailed analysis in multiple domains.
Mixed Signal Oscilloscopes - MSO5000B, DPO5000B Series
www.tektronix.com 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28