| 전자부품 데이터시트 검색엔진 |
|
TC7106CLW 데이터시트(PDF) 20 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7106CLW 데이터시트(HTML) 20 Page - Microchip Technology |
|
20 / 34 page ![]() TC7106/A/TC7107/A DS21455D-page 20 © 2008 Microchip Technology Inc. 10.0 TYPICAL APPLICATIONS 10.1 Decimal Point and Annunciator Drive The TEST pin is connected to the internally generated digital logic supply ground through a 500 Ω resistor. The TEST pin may be used as the negative supply for external CMOS gate segment drivers. LCD display annunciators for decimal points, low battery indication, or function indication may be added without adding an additional supply. No more than 1 mA should be supplied by the TEST pin; its potential is approximately 5V below V+ (see Figure 10-1 ). FIGURE 10-1: Decimal Point Drive Using Test as Logic Ground. 10.2 Ratiometric Resistance Measurements The true differential input and differential reference make ratiometric reading possible. Typically in a ratiometric operation, an unknown resistance is measured, with respect to a known standard resistance. No accurately defined reference voltage is needed. The unknown resistance is put in series with a known standard and a current passed through the pair. The voltage developed across the unknown is applied to the input and the voltage across the known resistor is applied to the reference input. If the unknown equals the standard, the display will read 1000. The displayed reading can be determined from the following expression: EQUATION 10-1: The display will over range for: RUNKNOWN ≥ 2 x RSTANDARD FIGURE 10-2: Low Parts Count Ratiometric Resistance Measurement. FIGURE 10-3: Temperature Sensor. TC7106A BP TEST 37 21 V+ V+ GND To LCD Decimal Point To LCD Decimal Point To LCD Backplane 4049 TC7106A Decimal Point Select V+ V+ TEST GND 4030 BP Displayed (Reading) R UNKNOWN R STANDARD ----------------------------- 1000 × = V REF + V REF - V IN + V IN - Analog Common TC7106A LCD Display R STANDARD R UNKNOWN V+ V+ V- V IN - V IN + V REF + V REF - Common 50 kΩ R 2 160 kΩ 300 kΩ 300kΩ R 1 50 kΩ 1N4148 Sensor 9V + TC7106A V FS = 2V |