전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM28F512 데이터시트(PDF) 35 Page - Advanced Micro Devices

부품명 AM28F512
상세설명  512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F512 데이터시트(HTML) 35 Page - Advanced Micro Devices

Back Button AM28F512 Datasheet HTML 27Page - Advanced Micro Devices AM28F512 Datasheet HTML 28Page - Advanced Micro Devices AM28F512 Datasheet HTML 29Page - Advanced Micro Devices AM28F512 Datasheet HTML 30Page - Advanced Micro Devices AM28F512 Datasheet HTML 31Page - Advanced Micro Devices AM28F512 Datasheet HTML 32Page - Advanced Micro Devices AM28F512 Datasheet HTML 33Page - Advanced Micro Devices AM28F512 Datasheet HTML 34Page - Advanced Micro Devices AM28F512 Datasheet HTML 35Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 35 page
background image
Am28F512
35
DATA SHEET REVISION SUMMARY FOR
AM28F512
Deleted -75, -95, and -250 speed options. Matched for-
matting to other current data sheets.
Amendment G+1
Removed reference to LCC package in Distinctive
Characteristics. Added A15 to PLCC and PDIP con-
nection diagrams.
Figure 3, Flashrite Programming Algorithm: Moved end
of arrow originating from Increment Address box so
that it points to the PLSCNT = 0 box, not the Write Pro-
gram Verify Command box. This is a correction to the
diagram on page 6-189 of the 1998 Flash Memory
Data Book.
Revision G+2
Programming In A PROM Programmer:
Deleted the paragraph “(Refer to the AUTO SELECT
paragraph in the ERASE, PROGRAM, and READ
MODE section for programming the Flash memory de-
vice in-system).”
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35