| 전자부품 데이터시트 검색엔진 |
|
ADM6315 데이터시트(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM6315 데이터시트(HTML) 9 Page - Analog Devices |
|
9 / 12 page ![]() ADM6315 Rev. E | Page 9 of 12 Model Temperature Range Package Description Package Option Trip Point Minimum Timeout (ms) Branding ADM6315-31D2ARTRL7 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 3.08 20 MEG ADM6315-31D2ART-RL −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 3.08 20 MEG ADM6315-31D2ARTZR71 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 3.08 20 M7Y ADM6315-31D2ARTZRL1 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 3.08 20 M7Y ADM6315-29D2ARTRL7 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.93 20 MEC ADM6315-29D2ART-RL −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.93 20 MEC ADM6315-29D2ARTZR71 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.93 20 M7U ADM6315-26D2ARTRL7 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.63 20 MEB ADM6315-26D2ART-RL −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.63 20 MEB ADM6315-26D2ARTZR71 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.63 20 MEB# ADM6315-26D2ARTZRL1 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.63 20 MEB# ADM6315-46D3ARTRL7 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.63 140 MFV ADM6315-46D3ART-RL −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.63 140 MFV ADM6315-46D3ARTZR71 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.63 140 M84 ADM6315-45D3ARTRL7 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.50 140 MFU ADM6315-45D3ART-RL −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.50 140 MFU ADM6315-45D3ARTZR71 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.50 140 M82 ADM6315-44D3ARTRL7 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.39 140 MFT ADM6315-44D3ART-RL −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.39 140 MFT ADM6315-44D3ARTZR71 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.39 140 MFT# ADM6315-44D3ARTZRL1 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.39 140 MFT# ADM6315-31D3ARTRL7 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 3.08 140 MFG ADM6315-31D3ART-RL −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 3.08 140 MFG ADM6315-31D3ARTZR71 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 3.08 140 M4G ADM6315-31D3ARTZRL1 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 3.08 140 M4G ADM6315-29D3ARTRL7 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.93 140 MFC ADM6315-29D3ART-RL −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.93 140 MFC ADM6315-29D3ARTZR71 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.93 140 M7V ADM6315-26D3ARTRL7 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.63 140 MFB ADM6315-26D3ART-RL −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.63 140 MFB ADM6315-26D3ARTZR71 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.63 140 MFB# ADM6315-26D3ARTZRL1 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.63 140 MFB# ADM6315-46D4ARTRL7 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.63 1120 MGV ADM6315-46D4ART-RL −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.63 1120 MGV ADM6315-46D4ARTZR71 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.63 1120 M85 ADM6315-45D4ARTRL7 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.50 1120 MGU ADM6315-45D4ART-RL −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.50 1120 MGU ADM6315-44D4ARTRL7 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.39 1120 MGT ADM6315-44D4ART-RL −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.39 1120 MGT ADM6315-44D4ARTZRL1 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.39 1120 M9H ADM6315-44D4ARTZRL1 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 4.39 1120 M9H ADM6315-31D4ARTRL7 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 3.08 1120 MGG ADM6315-31D4ART-RL −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 3.08 1120 MGG ADM6315-31D4ARTZR71 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 3.08 1120 M7Z ADM6315-29D4ARTRL7 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.93 1120 MGC ADM6315-29D4ART-RL −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.93 1120 MGC ADM6315-29D4ARTZR71 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.93 1120 M7W ADM6315-26D4ARTRL7 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.63 1120 MGB ADM6315-26D4ART-RL –40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.63 1120 MGB ADM6315-26D4ARTZR71 −40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.63 1120 MGB# ADM6315-26D4ARTZRL1 –40°C to +125°C 4-Lead Small Outline Transistor [SOT-143] RA-4 2.63 1120 MGB# 1 Z = RoHS-Compliant Part, # denotes lead-free product may be top or bottom marked. |