전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM53CF94JC 데이터시트(PDF) 24 Page - Advanced Micro Devices

부품명 AM53CF94JC
상세설명  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF94JC 데이터시트(HTML) 24 Page - Advanced Micro Devices

Back Button AM53CF94JC Datasheet HTML 20Page - Advanced Micro Devices AM53CF94JC Datasheet HTML 21Page - Advanced Micro Devices AM53CF94JC Datasheet HTML 22Page - Advanced Micro Devices AM53CF94JC Datasheet HTML 23Page - Advanced Micro Devices AM53CF94JC Datasheet HTML 24Page - Advanced Micro Devices AM53CF94JC Datasheet HTML 25Page - Advanced Micro Devices AM53CF94JC Datasheet HTML 26Page - Advanced Micro Devices AM53CF94JC Datasheet HTML 27Page - Advanced Micro Devices AM53CF94JC Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
P R E L I M I N A R Y
AMD
24
Am53CF94/Am53CF96
Initiator Select without ATN Steps
Internal State
Interrupt Status
Register (06H)
Register (05H)
Explanation
Bits 2:0 (Hex)
Bits 7:0 (Hex)
0
20
Arbitration steps completed. Selection time-out occurred, then disconnected
4
18
Selection without
ATN steps fully executed
3
18
Sequence halted during command transfer due to premature phase change
(Target)
2
18
Arbitration and selection completed; sequence halted because Target failed to
assert command phase
Initiator Select with ATN Steps
Internal State
Interrupt Status
Register (06H)
Register (05H)
Explanation
Bits 2:0 (Hex)
Bits 7:0 (Hex)
0
20
Arbitration steps completed. Selection time-out occurred then disconnected
4
18
Selection with
ATN steps fully executed
3
18
Sequence halted during command transfer due to premature phase change;
some CDB bytes may not have been sent; check FIFO flags
2
18
Message out completed; sent one message byte with
ATN true, then released
ATN; sequence halted because Target failed to assert command phase after
message byte was sent
0
18
Arbitration and selection completed; sequence halted because Target did not
assert message out phase;
ATN still driven by ESC
Initiator Select with ATN3 Steps
Internal State
Interrupt Status
Register (06H)
Register (05H)
Explanation
Bits 2:0 (Hex)
Bits 7:0 (Hex)
0
20
Arbitration steps completed. Selection time-out occurred then disconnected
4
18
Selection with
ATN3 steps fully executed
3
18
Sequence halted during command transfer due to premature phase change;
some CDB bytes may not have been sent; check FIFO flags
2
18
One, two, or three message bytes sent; sequence halted because Target failed
to assert command phase after third message byte, or prematurely released
message out phase;
ATN released only if third message byte was sent
0
18
Arbitration and selection completed; sequence halted because Target failed to
assert message out phase;
ATN still driven by ESC
Initiator Select with ATN and Stop Steps
Internal State
Interrupt Status
Register (06H)
Register (05H)
Explanation
Bits 2:0 (Hex)
Bits 7:0 (Hex)
0
20
Arbitration steps completed. Selection time-out occurred then disconnected
0
18
Arbitration and selection completed; sequence halted because Target failed to
assert message out phase;
ATN still asserted by ESC
1
18
Message out completed; one message byte sent;
ATN on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76