| 전자부품 데이터시트 검색엔진 |
|
AM7996 데이터시트(PDF) 2 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM7996 데이터시트(HTML) 2 Page - Advanced Micro Devices |
|
2 / 18 page ![]() AMD 2 Am7996 RELATED PRODUCTS Part No. Description Am79C98 Twisted Pair Ethernet Transceiver (TPEX) Am79C100 Twisted Pair Ethernet Transceiver Plus (TPEX+) Am79C981 Integrated Multiport Repeater Plus ™ (IMR+™) Am79C987 Hardware Implemented Management Information Base ™ (HIMIB™) Am79C940 Media Access Controller for Ethernet (MACE ™) Am79C90 CMOS Local Area Network Controller for Ethernet (C-LANCE) Am79C900 Integrated Local Area Communications Controller ™ (ILACC™) Am79C960 PCnet-ISA Single-Chip Ethernet Controller (for ISA bus) Am79C961 PCnet-ISA + Single-Chip Ethernet Controller (with Microsoft® Plug n’ Play® Support) Am79C965 PCnet-32 Single-Chip 32-Bit Ethernet Controller (for 386DX, 486 and VL buses) Am79C970 PCnet-PCI Single-Chip Ethernet Controller (for PCI bus) Am79C974 PCnet-SCSI Combination Ethernet and SCSI Controller for PCI Systems CONNECTION DIAGRAMS 07506E-2 07506E-3 Notes: Pin 1 is marked for orientation. NC = No Connection DIP PLCC V CC1 CI+ CI– DI+ DI– VC REF SQE^TEST DO+ DO– V EE V CC2 COLL OSC V COL NC RXT NC TAP SHIELD V TX– V TX+ TXT 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 14 13 12 11 15 DI+ DI– VC REF SQE^TEST DO+ TAP SHIELD NC RXT NC V COL 3 2 1 20 19 4 5 6 7 8 18 17 16 15 14 9 10 11 12 13 |