전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AFG3052C 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 AFG3052C
상세설명  Arbitrary Function Generators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

AFG3052C 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

  AFG3052C Datasheet HTML 1Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 2Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 3Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 4Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 5Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 6Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 7Page - List of Unclassifed Manufacturers AFG3052C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Arbitrary Function Generators — AFG3000C Series
BNC Fuse Adapter and 0.125 A Fuse
Ordering Information
AFG3011C, AFG3021C, AFG3022C, AFG3051C,
AFG3052C, AFG3101C, AFG3102C, AFG3251C,
AFG3252C
Arbitrary Function Generator
Includes:
Quick-start user manual, power cord, USB cable, CD-ROM with
specifications and performance verification manual, programmer manual, service
manual, LabView and IVI drivers, CD-ROM with ArbExpress™ software, and
NIST-traceable calibration certificate. Please specify power plug when ordering.
International Power Plugs
Option
Description
Opt. A0
North America power
Opt. A1
Universal EURO power
Opt. A2
United Kingdom power
Opt. A3
Australia power
Opt. A5
Switzerland power
Opt. A6
Japan power
Opt. A10
China power
Opt. A11
India power
Opt. A12
Brazil power
Opt. A99
No power cord or AC adapter
Note: Includes front-panel overlay.
Manual Options
Option
Description
Opt. L0
English (071-1631-xx)
Opt. L1
French (071-1632-xx)
Opt. L2
Italian (071-1669-xx)
Opt. L3
German (071-1633-xx)
Opt. L4
Spanish (071-1670-xx)
Opt. L5
Japanese (071-1634-xx)
Opt. L6
Portuguese (071-3042-xx)
Opt. L7
Simple Chinese (071-1635-xx)
Opt. L8
Traditional Chinese (071-1636-xx)
Opt. L9
Korean (071-1637-xx)
Opt. L10
Russian (071-1638-xx)
Opt. L99
No manual
Service
Option
Description
Opt. C3
Calibration Service 3 Years
Opt. C5
Calibration Service 5 Years
Opt. D1
Calibration Data Report
Opt. D3
Calibration Data Report 3 Years (with Opt. C3)
Opt. D5
Calibration Data Report 5 Years (with Opt. C5)
Opt. R5
Standard Warranty Extended to 5 Years
Opt. R5DW
Standard Warranty Extended to 5 Years After Product
Purchase
SILV400
StandardWarrantyExtendedto5Years
Warranty
Three-year warranty on parts and labor.
Recommended Accessories
Accessory
Description
Rackmount Kit
RM3100
Fuse adapter, BNC-P
to BNC-R
013-0345-xx
Fuse set, 3 pcs,
0.125 A.
159-0454-xx
BNC cable shielded,
3 ft.
012-0482-xx
BNC cable shielded,
9 ft.
012-1256-xx
GPIB cable, double
shielded
012-0991-xx
50 Ω BNC terminator
011-0049-02
Tektronix is registered to ISO 9001 and ISO 14001 by SRI Quality System Registrar.
Product(s) complies with IEEE Standard 488.1-1987, RS-232-C, and with Tektronix
Standard Codes and Formats.
www.tektronix.com 7



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com