전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C960 데이터시트(PDF) 43 Page - Advanced Micro Devices

부품명 AM79C960
상세설명  PCnetTM-ISA Single-Chip Ethernet Controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C960 데이터시트(HTML) 43 Page - Advanced Micro Devices

Back Button AM79C960 Datasheet HTML 39Page - Advanced Micro Devices AM79C960 Datasheet HTML 40Page - Advanced Micro Devices AM79C960 Datasheet HTML 41Page - Advanced Micro Devices AM79C960 Datasheet HTML 42Page - Advanced Micro Devices AM79C960 Datasheet HTML 43Page - Advanced Micro Devices AM79C960 Datasheet HTML 44Page - Advanced Micro Devices AM79C960 Datasheet HTML 45Page - Advanced Micro Devices AM79C960 Datasheet HTML 46Page - Advanced Micro Devices AM79C960 Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 127 page
background image
P R E L I M I N A R Y
AMD
1-385
Am79C960
Twisted Pair Transceiver (T-MAU)
The T-MAU implements the Medium Attachment Unit
(MAU) functions for the Twisted Pair Medium, as speci-
fied by the supplement to IEEE 802.3 standard (Type
10BASE-T). The T-MAU provides twisted pair driver
and receiver circuits, including on-board transmit digital
predistortion and receiver squelch, and a number of ad-
ditional features including Link Status indication,
Automatic Twisted Pair Receive Polarity Detection/ Cor-
rection and indication, Receive Carrier Sense, Transmit
Active and Collision Present indication.
Twisted Pair Transmit Function
The differential driver circuitry in the TXD
± and TXP±
pins provides the necessary electrical driving capability
and the pre-distortion control for transmitting signals
over maximum length Twisted Pair cable, as specified
by the 10BASE-T supplement to the IEEE 802.3 Stan-
dard. The transmit function for data output meets the
propagation delays and jitter specified by the standard.
Twisted Pair Receive Function
The receiver complies with the receiver specifications of
the IEEE 802.3 10BASE-T Standard, including noise
immunity and received signal rejection criteria (‘Smart
Squelch’). Signals meeting this criteria appearing at the
RXD
± differential input pair are routed to the MENDEC.
The receiver function meets the propagation delays and
jitter requirements specified by the standard. The re-
ceiver squelch level drops to half its threshold value
after unsquelch to allow reception of minimum ampli-
tude signals and to offset carrier fade in the event of
worst case signal attenuation conditions.
Note that the 10BASE-T Standard defines the receive
input amplitude at the external Media Dependent Inter-
face (MDI). Filter and transformer loss are not specified.
The T-MAU receiver squelch levels are designed to ac-
count for a 1 dB insertion loss at 10 MHz for the type of
receive filters and transformers usually used.
Normal 10BASE-T compatible receive thresholds are
invoked when the LRT bit (CSR15, bit 9) is LOW. When
the LRT bit is set, the Low Receive Threshold option is
invoked, and the sensitivity of the T-MAU receiver is in-
creased. Increasing T-MAU sensitivity allows the use of
lines longer than the 100 m target distance of standard
10BASE-T (assuming typical 24 AWG cable). Increased
receiver sensitivity compensates for the increased sig-
nal attenuation caused by the additional cable distance.
However, making the receiver more sensitive means
that it is also more susceptible to extraneous noise, pri-
marily caused by coupling from co-resident services
(crosstalk). For this reason, end users may wish to in-
voke the Low Receive Threshold option on 4-pair cable
only. Multi-pair cables within the same outer sheath
have lower crosstalk attenuation, and may allow noise
emitted from adjacent pairs to couple into the receive
pair, and be of sufficient amplitude to falsely unsquelch
the T-MAU.
Link Test Function
The link test function is implemented as specified by
10BASE-T standard. During periods of transmit pair in-
activity, ’Link beat pulses’ will be periodically sent over
the twisted pair medium to constantly monitor medium
integrity.
When the link test function is enabled (DLNKTST bit in
CSR15 is cleared), the absence of link beat pulses and
receive data on the RXD
± pair will cause the TMAU to go
into the Link Fail state. In the Link Fail state, data trans-
mission, data reception, data loopback and the collision
detection functions are disabled and remain disabled
until valid data or greater than 5 consecutive link pulses
appear on the RXD
± pair. During Link Fail, the Link
Status (LNKST indicated by
LED0) signal is inactive.
When the link is identified as functional, the LNKST sig-
nal is asserted, and
LED0 output will be activated.
In order to inter-operate with systems which do not im-
plement Link Test, this function can be disabled by
setting the DLNKTST bit. With Link Test disabled, the
Data Driver, Receiver and Loopback functions as well
as Collision Detection remain enabled irrespective of
the presence or absence of data or link pulses on the
RXD
± pair. Link Test pulses continue to be sent regard-
less of the state of the DLNKTST bit.
Polarity Detection and Reversal
The T-MAU receive function includes the ability to invert
the polarity of the signals appearing at the RXD
± pair if
the polarity of the received signal is reversed (such as in
the case of a wiring error). This feature allows data pack-
ets received from a reverse wired RXD
± input pair to be
corrected in the T-MAU prior to transfer to the
MENDEC. The polarity detection function is activated
following reset or Link Fail, and will reverse the receive
polarity based on both the polarity of any previous link
beat pulses and the polarity of subsequent packets with
a valid End Transmit Delimiter (ETD).
When in the Link Fail state, the T-MAU will recognize
link beat pulses of either positive or negative polarity.
Exit from the Link Fail state occurs at the reception of 5–
6 consecutive link beat pulses of identical polarity. On
entry to the Link Pass state, the polarity of the last 5 link
beat pulses is used to determine the initial receive polar-
ity configuration and the receiver is reconfigured to
subsequently recognize only link beat pulses of the pre-
viously recognized polarity.
Positive link beat pulses are defined as transmitted sig-
nal with a positive amplitude greater than 585 mV
(LRT = HIGH) with a pulse width of 60 ns–200 ns. This
positive excursion may be followed by a negative excur-
sion. This definition is consistent with the expected
received signal at a correctly wired receiver, when a link
beat pulse, which fits the template of Figure 14-12 of the
10BASE-T Standard, is generated at a transmitter and
passed through 100 m of twisted pair cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More