전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C985JC 데이터시트(PDF) 46 Page - Advanced Micro Devices

부품명 AM79C985JC
상세설명  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985JC 데이터시트(HTML) 46 Page - Advanced Micro Devices

Back Button AM79C985JC Datasheet HTML 40Page - Advanced Micro Devices AM79C985JC Datasheet HTML 41Page - Advanced Micro Devices AM79C985JC Datasheet HTML 42Page - Advanced Micro Devices AM79C985JC Datasheet HTML 43Page - Advanced Micro Devices AM79C985JC Datasheet HTML 44Page - Advanced Micro Devices AM79C985JC Datasheet HTML 45Page - Advanced Micro Devices AM79C985JC Datasheet HTML 46Page - Advanced Micro Devices AM79C985JC Datasheet HTML 47Page - Advanced Micro Devices AM79C985JC Datasheet HTML 48Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
46
Am79C985
PRELIMINARY
PQR100
100-Pin Plastic Quad Flat Pack
Pin 100
Pin 50
Pin 30
Pin 1 I.D.
17.00
17.40
12.35
REF
13.90
14.10
18.85
REF
19.90
20.10
23.00
23.40
0.25
MIN
2.70
2.90
0.65 BASIC
3.35
MAX
SEATING PLANE
16-038-PQR-1_AH
PQR100
DP92
6-20-96 lv
Pin 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48