| 전자부품 데이터시트 검색엔진 |
|
AM8530 데이터시트(PDF) 30 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM8530 데이터시트(HTML) 30 Page - Advanced Micro Devices |
|
30 / 194 page ![]() System Interface AMD 2–12 If both bits D0 and D2 of WR15 are set to ‘1’ then the Am85C30 register map is as shown in Table 2–6. Table 2–6. Register Set—All Enhancements Enabled A/B PNT2 PNT1 PNT0 WRITE READ 0 0 0 0 WR0B RR0B 0 0 0 1 WR1B RR1B 0 0 1 0 WR2 RR2B 0 0 1 1 WR3B RR3B 0 1 0 0 WR4B RR4B(WR4B) 0 1 0 1 WR5B RR5B(WR5B) 0 1 1 0 WR6B RR6B 0 1 1 1 WR7B RR7B 1 0 0 0 WR0A RR0A 1 0 0 1 WR1A RR1A 1 0 1 0 WR2 RR2A 1 0 1 1 WR3A RR3A 1 1 0 0 WR4A RR4A(WR4A) 1 1 0 1 WR5B RR5A(WR5A) 1 1 1 0 WR6A RR6A 1 1 1 1 WR7A RR7A With the Point High command: 0 0 0 0 WR8B RR8B 0 0 0 1 WR9 RR9B(WR3B) 0 0 1 0 WR10B RR10B 0 0 1 1 WR11B RR11B(WR10B) 0 1 0 0 WR12B RR12B 0 1 0 1 WR13B RR13B 0 1 1 0 WR14B RR14B(WR7’B) 0 1 1 1 WR15B RR15B 1 0 0 0 WR8A RR8A 1 0 0 1 WR9 RR9A(WR3A) 1 0 1 0 WR10A RR10A 1 0 1 1 WR11A RR11A(WR10A) 1 1 0 0 WR12A RR12A 1 1 0 1 WR13A RR13A 1 1 1 0 WR14A RR14A(WR7’A) 1 1 1 1 WR15A RR15A 2.6 RESET The SCC may be reset by either hardware or software. A hardware reset occurs when RD and WR are both Low, simultaneously regardless of the state of the CE input, which is normally an illegal condition. As long as both RD and WR are Low, the SCC recognizes the reset condition. Once this condition is removed, however, the reset condition is as- serted internally for an additional four to five PCLK cycles. During this time, any attempt to access the SCC will be ignored. However a hardware reset does not clear the receive FIFO, therefore it may be necessary to perform a few dummy reads immediately after a |