전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMC001CFLKA 데이터시트(PDF) 33 Page - Advanced Micro Devices

부품명 AMC001CFLKA
상세설명  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC001CFLKA 데이터시트(HTML) 33 Page - Advanced Micro Devices

Back Button AMC001CFLKA Datasheet HTML 29Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 30Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 31Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 32Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 33Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 34Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 35Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 36Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
5/4/98
AmC0XXCFLKA
33
AC CHARACTERISTICS
Write/Erase/Program Operations
Notes:
1. Rise/Fall ð 10 ns.
2. Maximum specification not needed due to the devices internal stop timer that will stop any erase or write operation that exceed
the device specification.
3. Embedded Program Operation of 16
µs consist of 10 µs program pulse and 6 µs write recovery before read. This is the
minimum time for one pass through the programming algorithm. D5 = “1” only after a byte takes longer than 48 ms to Write.
Card Speed
Parameter Symbol
Parameter Description
-150 ns
Unit
JEDEC
Standard
Min
Typ
Max
tAVAV
tWC
Write Cycle Time
150
ns
tAVWL
tAS
Address Setup Time
20
ns
tWLAX
tAH
Address Hold Time
55
ns
tDVWH
tDS
Data Setup Time
50
ns
tWHDX
tDH
Data Hold Time
20
ns
tOEH
Output Enable Hold Time for Embedded Algorithm
20
ns
tWHGL
tWR
Write Recovery Time before Read
6
µs
tGHWL
Read Recovery Time before Write
0
µs
tWLOZ
Output in High-Z from Write Enable
5
ns
tWHOZ
Output in Low-Z from Write Enable
60
ns
tELWL
tCS
CE Setup Time
0
ns
tWHEH
tCH
CE Hold Time
20
ns
tWLWH
tWP
Write Pulse Width
45
ns
tWHWL
tWPH
Write Pulse Width HIGH
50
ns
tWHWH3
Embedded Programming Operation (Notes 1, 2, 3)
16
µs
48
ms
tWHWH4
Embedded Erase Operation for each 64K Byte
Memory Sector (Notes 1, 2)
1.5
s
tVCS
VCC Setup Time to CE LOW
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com