전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMC004DFLKA 데이터시트(PDF) 22 Page - Advanced Micro Devices

부품명 AMC004DFLKA
상세설명  4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC004DFLKA 데이터시트(HTML) 22 Page - Advanced Micro Devices

Back Button AMC004DFLKA Datasheet HTML 18Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 19Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 20Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 21Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 22Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 23Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 24Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 25Page - Advanced Micro Devices AMC004DFLKA Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
22
AmC0XXDFLKA
EMBEDDED ALGORITHMS
19521D-8
Figure 7.
Byte-Wide Programming and Erasure Overview
Software polling from
memory segment
Write Embedded
Programming or Erase
command sequence to
memory segments
Completed
The Embedded Algorithm operations completely automate
the programming and erase procedure by internally exe-
cuting the algorithmic command sequence of original AMD
devices. The devices automatically provide Write Opera-
tion Status information with standard read operations.
See Table 3 or 4 for Program Command Sequence.
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46