전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29SL800BB170FIB 데이터시트(PDF) 24 Page - Advanced Micro Devices

부품명 AM29SL800BB170FIB
상세설명  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800BB170FIB 데이터시트(HTML) 24 Page - Advanced Micro Devices

Back Button AM29SL800BB170FIB Datasheet HTML 20Page - Advanced Micro Devices AM29SL800BB170FIB Datasheet HTML 21Page - Advanced Micro Devices AM29SL800BB170FIB Datasheet HTML 22Page - Advanced Micro Devices AM29SL800BB170FIB Datasheet HTML 23Page - Advanced Micro Devices AM29SL800BB170FIB Datasheet HTML 24Page - Advanced Micro Devices AM29SL800BB170FIB Datasheet HTML 25Page - Advanced Micro Devices AM29SL800BB170FIB Datasheet HTML 26Page - Advanced Micro Devices AM29SL800BB170FIB Datasheet HTML 27Page - Advanced Micro Devices AM29SL800BB170FIB Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
24
Am29SL800B
ADV ANCE
I N FO RMAT I O N
DC CHARACTERISTICS
CMOS Compatible
Notes:
1. The ICC current listed is typically less than 1 mA/MHz, with OE# at VIH. Typical VCC is 2.0 V.
2. ICC active while Embedded Erase or Embedded Program is in progress.
3. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 50 ns.
4. Not 100% tested.
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC,
VCC = VCC max
±1.0
µA
ILIT
A9 Input Load Current
VCC = VCC max; A9 = 11.0 V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC,
VCC = VCC max
±1.0
µA
ICC1
VCC Active Read Current
(Note 1)
CE# = VIL, OE# = VIH,
Byte Mode
5 MHz
5
10
mA
1 MHz
1
2
CE# = VIL, OE# = VIH,
Word Mode
5 MHz
5
10
1 MHz
1
2
ICC2
VCC Active Write Current
(Notes 2 and 4)
CE# = VIL, OE# = VIH
10
15
mA
ICC3
VCC Standby Current
VCC = VCC max;
CE#, RESET# = VCC±0.3 V
0.065
5
µA
ICC4
VCC Reset Current
VCC = VCC max;
RESET# = VSS ± 0.3 V
0.065
5
µA
ICC5
Automatic Sleep Mode (Note 3)
VIH = VCC ± 0.3 V;
VIL = VSS ± 0.3 V
0.065
5
µA
VIL
Input Low Voltage
–0.5
0.2 x VCC
V
VIH
Input High Voltage
0.8 x VCC
VCC + 0.3
V
VID
Voltage for Autoselect and
Temporary Sector Unprotect
VCC = 2.0 V
9.0
11.0
V
VOL1
Output Low Voltage
IOL = 2.0 mA, VCC = VCC min
0.25
V
VOL2
IOL = 100 µA, VCC = VCC min
0.1
VOH1
Output High Voltage
IOH = –2.0 mA, VCC = VCC min
0.7 x VCC
V
VOH2
IOH = –100 µA, VCC = VCC min
VCC–0.1
VLKO
Low VCC Lock-Out Voltage
(Note 4)
1.2
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41