| 전자부품 데이터시트 검색엔진 |
|
LTC6085CDHC 데이터시트(PDF) 3 Page - Linear Integrated Systems |
|
|
|||||||||||||||||||||||||||||
LTC6085CDHC 데이터시트(HTML) 3 Page - Linear Integrated Systems |
|
3 / 16 page ![]() LTC6084/LTC6085 3 60845fa The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 2.5V, V– = 0V, VCM = 0.5V unless otherwise noted. ORDER INFORMATION C SUFFIX H SUFFIX SYMBOL PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX UNITS VOS Offset Voltage (Note 5) LTC6084MS8, LTC6085GN LTC6084DD, LTC6085DHC LTC6084MS8, LTC6085GN LTC6084DD, LTC6085DHC l l 300 300 750 1100 900 1350 300 300 750 1100 1100 1600 μV μV μV μV ΔVOS/ΔT Input Offset Voltage Drift (Note 6) l 25 25 μV/ °C IB Input Bias Current (Notes 5, 7) Guaranteed by 5V Test l 1 40 1 750 pA pA IOS Input Offset Current (Notes 5, 7) Guaranteed by 5V Test l 0.5 30 0.5 150 pA pA en Input Noise Voltage Density f = 1kHz f = 10kHz 31 27 31 27 nV/√Hz nV/√Hz Input Noise Voltage 0.1Hz to 10Hz 3 3 μVP-P in Input Noise Current Density (Note 8) 0.56 0.56 fA/√Hz Input Common Mode Range l V– V+ V– V+ V CIN Input Capacitance Differential Mode Common Mode f = 100kHz 5 9 5 9 pF pF CMRR Common Mode Rejection Ratio 0 ≤ VCM ≤ 2.5V l 64 63 80 64 61 80 dB dB PSRR Power Supply Rejection Ratio VS = 2.5V to 5.5V l 94 91 115 94 89 115 dB dB VOUT Output Voltage, High, (Referred to V+) No Load ISOURCE = 1mA ISOURCE = 5mA l l l 0.5 39 220 5 85 460 0.5 39 220 10 100 mV mV mV Output Voltage, Low, (Referred to V–) No Load ISINK = 1mA ISINK = 5mA l l l 0.5 36 200 5 85 460 0.5 36 200 10 100 mV mV mV AVOL Large-Signal Voltage Gain RLOAD = 10k, 0.4V ≤ VOUT ≤ 2.1V l 400 200 2000 400 150 2000 V/mV V/mV ELECTRICAL CHARACTERISTICS LEAD FREE FINISH TAPE AND REEL PART MARKING* PACKAGE DESCRIPTION SPECIFIED TEMPERATURE RANGE LTC6085CGN#PBF LTC6085CGN#TRPBF 6085 16-Lead Plastic SSOP 0°C to 70°C LTC6085HGN#PBF LTC6085HGN#TRPBF 6085 16-Lead Plastic SSOP –40°C to 125°C LTC6085CDHC#PBF LTC6085CDHC#TRPBF 6085 16-Lead (5mm × 3mm) Plastic DFN 0°C to 70°C LTC6085HDHC#PBF LTC6085HDHC#TRPBF 6085 16-Lead (5mm × 3mm) Plastic DFN –40°C to 125°C Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for information on non-standard lead based finish parts. For more information on lead free part marking, go to: http://www.linear.com/leadfree/ For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/ |