전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29F040-120FIB 데이터시트(PDF) 16 Page - Advanced Micro Devices

부품명 AM29F040-120FIB
상세설명  4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040-120FIB 데이터시트(HTML) 16 Page - Advanced Micro Devices

Back Button AM29F040-120FIB Datasheet HTML 12Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 13Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 14Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 15Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 16Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 17Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 18Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 19Page - Advanced Micro Devices AM29F040-120FIB Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
16
Am29F040
Start
Fail
No
DQ7 = Data
?
No
Pass
Yes
No
Yes
DQ7 = Data
?
DQ5 = 1
?
Yes
Read Byte
(DQ0–DQ7)
Addr = VA
Read Byte
(DQ0–DQ7)
Addr = VA
VA = Byte address for programming
= Any of the sector addresses within the
sector being erased during sector erase
operation
= XXXXH during chip erase
17113E-9
Note:
DQ7 is rechecked even if DQ5 = “1” because DQ7 may change simultaneously with DQ5.
Figure 3.
Data Polling Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33