| 전자부품 데이터시트 검색엔진 |
|
3STR1630 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
3STR1630 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() June 2011 Doc ID 16600 Rev 3 1/10 10 3STR1630 Low voltage high performance NPN power transistor Features ■ Very low collector-emitter saturation voltage ■ High current gain characteristic ■ Fast switching speed ■ Miniature SOT-23 plastic package ECOPACK®2 grade for surface mounting circuits Applications ■ Strobe and LED drives ■ Motor and relay drives ■ DC-DC converters Description This device is an NPN transistor manufactured using low voltage planar technology with a double-metal process. Figure 1. Internal schematic diagram SOT-23 1 3 2 Table 1. Device summary Order code Marking Package Packing 3STR1630 1630 SOT-23 Tape and reel www.st.com |
유사한 부품 번호 - 3STR1630 |
|
유사한 설명 - 3STR1630 |