전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM188ES-20KC/W 데이터시트(PDF) 64 Page - Advanced Micro Devices

부품명 AM188ES-20KC/W
상세설명  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188ES-20KC/W 데이터시트(HTML) 64 Page - Advanced Micro Devices

Back Button AM188ES-20KC/W Datasheet HTML 60Page - Advanced Micro Devices AM188ES-20KC/W Datasheet HTML 61Page - Advanced Micro Devices AM188ES-20KC/W Datasheet HTML 62Page - Advanced Micro Devices AM188ES-20KC/W Datasheet HTML 63Page - Advanced Micro Devices AM188ES-20KC/W Datasheet HTML 64Page - Advanced Micro Devices AM188ES-20KC/W Datasheet HTML 65Page - Advanced Micro Devices AM188ES-20KC/W Datasheet HTML 66Page - Advanced Micro Devices AM188ES-20KC/W Datasheet HTML 67Page - Advanced Micro Devices AM188ES-20KC/W Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 102 page
background image
64
Am186/188ES and Am186/188ESLV Microcontrollers
PRELIMIN ARY
Alphabetical Key to Switching Parameter Symbols (continued)
Note:
The following parameters are not defined or used as this time: 56, 60, 71–78.
Parameter Symbol
No.
Description
tRLRH
26
RD Pulse Width
tSRYCL
47
SRDY Transition Setup Time
tWHDEX
35
WR Inactive to DEN Inactive
tWHDX
34
Data Hold after WR
tWHLH
33
WR Inactive to ALE High
tWLWH
32
WR Pulse Width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More