| 전자부품 데이터시트 검색엔진 |
|
ST6200C 데이터시트(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6200C 데이터시트(HTML) 41 Page - STMicroelectronics |
|
41 / 100 page ![]() ST6200C ST6201C ST6203C Doc ID 4563 Rev 5 41/100 8 ON-CHIP PERIPHERALS 8.1 WATCHDOG TIMER (WDG) 8.1.1 Introduction The Watchdog timer is used to detect the occur- rence of a software fault, usually generated by ex- ternal interference or by unforeseen logical condi- tions, which causes the application program to abandon its normal sequence. The Watchdog cir- cuit generates an MCU reset on expiry of a pro- grammed time period, unless the program refresh- es the counter’s contents before the SR bit be- comes cleared. 8.1.2 Main Features ■ Programmable timer (64 steps of 3072 clock cycles) ■ Software reset ■ Reset (if watchdog activated) when the SR bit reaches zero ■ Hardware or software watchdog activation selectable by option bit (Refer to the option bytes section) Figure 25. Watchdog Block Diagram RESET C 7-BIT DOWNCOUNTER fint /12 SR T0 CLOCK DIVIDER WATCHDOG REGISTER (WDGR) ÷ 256 T1 T2 T3 T4 T5 bit 0 bit 7 1 |