| 전자부품 데이터시트 검색엔진 |
|
ST62T00C6 데이터시트(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T00C6 데이터시트(HTML) 26 Page - STMicroelectronics |
|
26 / 100 page ![]() ST6200C ST6201C ST6203C 26/100 Doc ID 4563 Rev 5 5.4 INTERRUPTS The ST6 core may be interrupted by four maska- ble interrupt sources, in addition to a Non Maska- ble Interrupt (NMI) source. The interrupt process- ing flowchart is shown in Figure 18. Maskable interrupts must be enabled by setting the GEN bit in the IOR register. However, even if they are disabled (GEN bit = 0), interrupt events are latched and may be processed as soon as the GEN bit is set. Each source is associated with a specific Interrupt Vector, located in Program space (see Table 7). In the vector location, the user must write a Jump in- struction to the associated interrupt service rou- tine. When an interrupt source generates an interrupt request, the PC register is loaded with the address of the interrupt vector, which then causes a Jump to the relevant interrupt service routine, thus serv- icing the interrupt. Interrupt are triggered by events either on external pins, or from the on-chip peripherals. Several events can be ORed on the same interrupt vector. On-chip peripherals have flag registers to deter- mine which event triggered the interrupt. Figure 17. Interrupts Block Diagram NMI ESB BIT VDD LATCH CLEARED BY H/W AT START OF VECTOR #0 ROUTINE VECTOR #0 LES BIT 1 0 LATCH CLEARED BY H/W AT START OF VECTOR #1 VECTOR #2 VECTOR #3 VECTOR #4 LATCH CLEARED BY H/W AT START OF VECTOR #2 ROUTINE I/O PORT REGISTER CONFIGURATION “INPUT WITH INTERRUPT” I/O PORT REGISTER CONFIGURATION “INPUT WITH INTERRUPT” EXIT FROM STOP/WAIT VECTOR #1 ROUTINE TIMER A/D CONVERTER * TMZ BIT ETI BIT EAI BIT EOC BIT GEN BIT PB0..PB1 PA1..PA3 (TSCR REGISTER) (ADCR REGISTER) (IOR REGISTER) (IOR REGISTER) (IOR REGISTER) PB3 PB5..PB7 * Depending on device. See device summary on page 1. 1 |