전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL072CD 데이터시트(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
부품명 TL072CD
상세설명  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL072CD 데이터시트(HTML) 30 Page - Texas Instruments

Back Button TL072CD Datasheet HTML 26Page - Texas Instruments TL072CD Datasheet HTML 27Page - Texas Instruments TL072CD Datasheet HTML 28Page - Texas Instruments TL072CD Datasheet HTML 29Page - Texas Instruments TL072CD Datasheet HTML 30Page - Texas Instruments TL072CD Datasheet HTML 31Page - Texas Instruments TL072CD Datasheet HTML 32Page - Texas Instruments TL072CD Datasheet HTML 33Page - Texas Instruments TL072CD Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TL074IDR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TL071ACDR
SOIC
D
8
2500
340.5
338.1
20.6
TL071BCDR
SOIC
D
8
2500
340.5
338.1
20.6
TL071CDR
SOIC
D
8
2500
367.0
367.0
35.0
TL071CDR
SOIC
D
8
2500
340.5
338.1
20.6
TL071CPSR
SO
PS
8
2000
367.0
367.0
38.0
TL071IDR
SOIC
D
8
2500
340.5
338.1
20.6
TL072ACDR
SOIC
D
8
2500
340.5
338.1
20.6
TL072BCDR
SOIC
D
8
2500
340.5
338.1
20.6
TL072CDR
SOIC
D
8
2500
367.0
367.0
35.0
TL072CDR
SOIC
D
8
2500
340.5
338.1
20.6
TL072CPWR
TSSOP
PW
8
2000
367.0
367.0
35.0
TL072IDR
SOIC
D
8
2500
340.5
338.1
20.6
TL074ACDR
SOIC
D
14
2500
333.2
345.9
28.6
TL074ACNSR
SO
NS
14
2000
367.0
367.0
38.0
TL074BCDR
SOIC
D
14
2500
333.2
345.9
28.6
TL074CDR
SOIC
D
14
2500
333.2
345.9
28.6
PACKAGE MATERIALS INFORMATION
www.ti.com
10-Jan-2014
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49