| 전자부품 데이터시트 검색엔진 |
|
TAJS106004NJ 데이터시트(PDF) 2 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
TAJS106004NJ 데이터시트(HTML) 2 Page - AVX Corporation |
|
2 / 5 page ![]() 27 TAJ Series Low Profile Capacitance Rated voltage DC (VR) to 85°C μF Code 2.5V (e) 4V (G) 6.3V (J) 10V (A) 16V (C) 20V (D) 25V (E) 35V (V) 50V (T) 0.10 104 R/S R/S S 0.15 154 R/S R R/S S 0.22 224 R/S R R/S S 0.33 334 R/S R R/S S/T 0.47 474 R/S R/S R/S/T S/T 0.68 684 R/S R/S/T R/S P/S/T 1.0 105 R/S R/S/T R/S/T P/R/S P/S/T W 1.5 155 R/S R/S R/S P/R/S/T P/S/T T W 2.2 225 R/S R/S R/S R/S/T P/R/S/T T T 3.3 335 R/S R/S R/S/T R/S/T T T/W W Y 4.7 475 R R/S R/S/T R/S/T K/P/S/T T T/W W Y 6.8 685 R R/S/T R/S/T P/R/S/T S/T T W Y Y 10 106 R/S R/S/T P/R/S/T K/P/R(M)/S/T T/W W W X/Y 15 156 R R/S/T K/P/R/S/T S/T/W T(M)/W W Y Y 22 226 P/R K/P/R/S/T K/P(M)/S/T/W T/W W W/Y Y Y 33 336 K/P/S K/P(M)/S/T/W T/W W W/Y X/Y Y 47 476 P(M)/S T/W T/W W/Y W/X/Y X/Y Y 68 686 T T/W W W/Y F/X/Y Y 100 107 T/W T(M)/W W/Y W/X/Y F(M)/Y 150 157 T(M)/W W/Y W/X/Y F/X(M)/Y Y(M) 220 227 W/Y W/X/Y F/X/Y Y 330 337 W(M)/Y F/X/Y Y 470 477 F/Y Y Y 680 687 Y Y(M) 1000 108 Y(M) CAPACITANCE AND VOLTAGE RANGE, VR (VOLTAGE CODE) RANGE (LETTER DENOTES CASE SIZE) Released codes (M tolerance only) Engineering samples - please contact manufacturer *Codes under development - subject to change Note: Voltage ratings are minimum values. AVX reserves the right to supply higher ratings in the same case size, to the same reliability standards. |