전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD39100PUR 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 LD39100PUR
상세설명  1 A, low quiescent current, low noise voltage regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100PUR 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button LD39100PUR Datasheet HTML 15Page - STMicroelectronics LD39100PUR Datasheet HTML 16Page - STMicroelectronics LD39100PUR Datasheet HTML 17Page - STMicroelectronics LD39100PUR Datasheet HTML 18Page - STMicroelectronics LD39100PUR Datasheet HTML 19Page - STMicroelectronics LD39100PUR Datasheet HTML 20Page - STMicroelectronics LD39100PUR Datasheet HTML 21Page - STMicroelectronics LD39100PUR Datasheet HTML 22Page - STMicroelectronics LD39100PUR Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
LD39100XX, LD39100XX12, LD39100XX25
Package mechanical data
Doc ID 15676 Rev 3
19/23
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.800.90
1.00
0.031
0.035
0.039
A1
0
0.02
0.05
0
0.001
0.002
A3
0.20
0.008
b
0.23
0.300.38
0.009
0.012
0.015
D2.90
3.00
3.10
0.114
0.118
0.122
D2
2.23
2.38
2.48
0.088
0.094
0.098
E2.90
3.00
3.10
0.114
0.118
0.122
E2
1.50
1.65
1.75
0.059
0.065
0.069
e0.950.037
L0.30
0.40
0.50
0.012
0.016
0.020
DFN6 (3x3 mm) mechanical data
7946637A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23