| 전자부품 데이터시트 검색엔진 |
|
ST8024LCTR 데이터시트(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST8024LCTR 데이터시트(HTML) 33 Page - STMicroelectronics |
|
33 / 35 page ![]() ST8024L Package mechanical data Doc ID 17709 Rev 5 33/35 Figure 16. TSSOP-28 tape and reel schematic Table 29. TSSOP-28 tape and reel mechanical data Symbol Dimensions mm. inches Min. Typ. Max. Min. Typ. Max. A 330 12.992 C 12.8 13.2 0.504 0.519 D 20.2 0.795 N 60 2.362 T22.4 0.882 AO 6.8 7 0.268 0.276 BO 10.1 10.3 0.398 0.406 KO 1.7 1.9 0.067 0.075 PO 3.9 4.1 0.153 0.161 P 11.9 12.1 0.468 0.476 Note: Drawing is not to scale. |