전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STL73 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STL73
상세설명  High voltage fast-switching NPN power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL73 데이터시트(HTML) 6 Page - STMicroelectronics

  STL73 Datasheet HTML 1Page - STMicroelectronics STL73 Datasheet HTML 2Page - STMicroelectronics STL73 Datasheet HTML 3Page - STMicroelectronics STL73 Datasheet HTML 4Page - STMicroelectronics STL73 Datasheet HTML 5Page - STMicroelectronics STL73 Datasheet HTML 6Page - STMicroelectronics STL73 Datasheet HTML 7Page - STMicroelectronics STL73 Datasheet HTML 8Page - STMicroelectronics STL73 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package mechanical data
STL73D
6/9
Doc ID 15147 Rev 2
Dim.
mm.
Min.
Typ.
Max.
A4.324.95
b
0.360.51
D4.45
4.95
E
3.30
3.94
e2.41
2.67
e1
1.14
1.40
L
12.70
15.49
R2.16
2.41
S10.921.52
W0.41
0.56
V5o
TO-92 bulk shipment mechanical data
0102782 D



Html Pages

1 2 3 4 5 6 7 8 9