| 전자부품 데이터시트 검색엔진 |
|
STM8L151C8 데이터시트(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151C8 데이터시트(HTML) 36 Page - STMicroelectronics |
|
36 / 134 page ![]() Pin description STM8L15xx8, STM8L15xR6 36/134 DocID17943 Rev 6 52 - - PF3/ADC1_IN27/ [SPI1_NSS] I/O X XX HS X X Port F3 ADC1_IN27 [SPI1 master/slave select] -41 - PF4/LCD_SEG36/ [LCD _COM4](9) I/O FT(5) X XX HS X X Port F4 LCD segment 36/ [LCD_COM4](9) 53 - - PF4/LCD_SEG40/ [LCD_COM4] I/O FT(5) X XX HS X X Port F4 LCD segment 40/ [LCD_COM4](9) -42 - PF5/LCD_SEG37/ [LCD_COM5](9) I/O FT(5) X XX HS X X Port F5 LCD segment 37/ [LCD COM5](9) 54 - - PF5/LCD_SEG41/ [LCD_COM5] I/O FT(5) X XX HS X X Port F5 LCD segment 41/ [LCD COM5](9) -43 - PF6/LCD_SEG38 /[LCD_COM6](9) I/O FT(5) X XX HS X X Port F6 LCD segment 38/ [LCD COM6](9) 55 - - PF6/LCD_SEG42/ [LCD_COM6] I/O FT(5) X XX HS X X Port F6 LCD segment 42/ [LCD COM6](9) -44 - PF7/LCD_SEG39/ [LCD_COM7](9) I/O FT(5) X XX HS X X Port F7 LCD segment 39/ [LCD COM7](9) 56 - - PF7/LCD_SEG43/ [LCD_COM7] I/O FT(5) X XX HS X X Port F7 LCD segment 43/ [LCD COM7](9) 22 18 13 VLCD(7) S LCD booster external capacitor 15 11 10 VDD1 S Digital power supply 14 10 - VSS1 I/O ground 16 12 11 VDDA S Analog supply voltage 17 13 12 VREF+/VREF+_DAC S ADC1 and DAC1/2 positive voltage reference 18 14 - PG0/LCD SEG28(3) /USART3_RX/ [TIM2_BKIN] I/O FT(5) X XX HS X X Port G0 LCD segment 28/ USART3 receive / [Timer 2 - break input] 19 15 - PG1/LCD SEG29(3) /USART3_TX/ [TIM3_BKIN] I/O FT(5) X XX HS X X Port G1 LCD segment 29/ USART3 transmit / [Timer 3 -break input] Table 5. High density and medium+ density STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |