전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29F002NB-120PCB 데이터시트(PDF) 36 Page - Advanced Micro Devices

부품명 AM29F002NB-120PCB
상세설명  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002NB-120PCB 데이터시트(HTML) 36 Page - Advanced Micro Devices

Back Button AM29F002NB-120PCB Datasheet HTML 29Page - Advanced Micro Devices AM29F002NB-120PCB Datasheet HTML 30Page - Advanced Micro Devices AM29F002NB-120PCB Datasheet HTML 31Page - Advanced Micro Devices AM29F002NB-120PCB Datasheet HTML 32Page - Advanced Micro Devices AM29F002NB-120PCB Datasheet HTML 33Page - Advanced Micro Devices AM29F002NB-120PCB Datasheet HTML 34Page - Advanced Micro Devices AM29F002NB-120PCB Datasheet HTML 35Page - Advanced Micro Devices AM29F002NB-120PCB Datasheet HTML 36Page - Advanced Micro Devices AM29F002NB-120PCB Datasheet HTML 37Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Am29F002/Am29F002N
36
PR ELIMIN A R Y
PHYSICAL DIMENSIONS (continued)
TS 032
32-Pin Standard Thin Small Package (measured in millimeters)
Pin 1 I.D.
1
18.30
18.50
7.90
8.10
0.50 BSC
0.05
0.15
0.95
1.05
16-038-TSOP-2
TS 032
DA95
3-25-97 lv
19.80
20.20
1.20
MAX
0.50
0.70
0.10
0.21
0
°
5
°
0.08
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37