전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT74DBRG4 데이터시트(PDF) 9 Page - Texas Instruments

부품명 SN74ACT74DBRG4
상세설명  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT74DBRG4 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SN74ACT74DBRG4 Datasheet HTML 5Page - Texas Instruments SN74ACT74DBRG4 Datasheet HTML 6Page - Texas Instruments SN74ACT74DBRG4 Datasheet HTML 7Page - Texas Instruments SN74ACT74DBRG4 Datasheet HTML 8Page - Texas Instruments SN74ACT74DBRG4 Datasheet HTML 9Page - Texas Instruments SN74ACT74DBRG4 Datasheet HTML 10Page - Texas Instruments SN74ACT74DBRG4 Datasheet HTML 11Page - Texas Instruments SN74ACT74DBRG4 Datasheet HTML 12Page - Texas Instruments SN74ACT74DBRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74ACT74DBR
SSOP
DB
14
2000
330.0
16.4
8.2
6.6
2.5
12.0
16.0
Q1
SN74ACT74DR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
SN74ACT74NSR
SO
NS
14
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
SN74ACT74PWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Jan-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21