| 전자부품 데이터시트 검색엔진 |
|
ECW0J-R32-BE0006L 데이터시트(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
ECW0J-R32-BE0006L 데이터시트(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 3 page ![]() Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. ECW - Digital Contacting Encoder Dimensional Drawings BUSHING MOUNTED - HOUSING A Rear-Facing Terminals BUSHING MOUNTED - HOUSING H Front-Facing Terminals 8.51 (.335) 9.0 (.354) 1.52 (.060) 6.35 (.250) “L” ± 0.38 (“L” ± .015) “L” ± 0.38 (“L” ± .015) 5.69 ± 0.25 (.224 ± .010) 6.35 ± 0.25 (.250 ± .010) DIA. M9 X 0.75-6g SPL 14.7 ± 0.5 (.578 ± .020) DIA. 22.2 ± 0.25 (.874 ± .010) 27.68 ± 0.25 (1.090 ± .010) 28.49 ± 0.25 (1.122 ± .010) ACB 11.1 (.437) CHANNEL B CHANNEL A COMMON CHANNEL B CHANNEL A COMMON CHANNEL B CHANNEL A COMMON PCB BRACKET MOUNTED - HOUSING B Dimensions not given are the same as Bushing Mounted. 5.74 (.226) 9.02 (.355) .762 (.030) 4 PLCS. 23.37 ± 0.25 (.920 ± .010) 17.069 (.672) AC B SOLDER HOLES - HOUSING C Dimensions not given are the same as Bushing Mounted. 2.54 (.100) 5.08 (.200) .107 (.042) 3 PLCS. DIA. 14.478 (.570) 26.975 (1.062) A C B 1.57 (.062) CL 15.2 (.600) 23.6 (.930) 11.4 (.450) 2.54 (.100) TYP. 1.2 (.047) DIA. 7 PLCS. SNAP-IN MOUNT - Housing G PCB MOUNTING DIMENSIONS (Housing Styles B and E) 13.08 (.515) 8.51 (.335) 6.35 (.250) 8.99 (.354) DIA. 1.52 (.060) 7.24 ± 0.25 (.285 ± .010) 22.20 ± 0.25 (.874 ± .010) 9.53 (.375) 14.68 ± 5.08 (0.578 ± 0.20) DIA. 27.69 ± 0.25 (1.090 ± .010) 28.50 ± 0.25 (1.122 ± .010) 11.10 (.437) .635 (.025) 2.54 (.100) 5.08 (.200) PCB MOUNTING DIMENSIONS 22.68 (.893) 11.33 (.446) 8 X 3 X .97 (.038) R 21.11 (.831) 19.76 (.778) 12.24 (.482) 10.90 (.429) 3 X 1.07 (0.042) 2.54 (.100) 2 X Shaft Style B 6.32 + 0.03/– 0.06 (.249 + .001/– .003) DIA. 1.19 (.047) 1.6 (.063) 1.52 (.060) .635 (.025) 3 PLCS. 2.54 (.100) 2 PLCS. 2.79 (.110) 23.87 (.940) 1.19 (.047) 11.09 (.437) 6.35 (.250) 9.52 (.375) 16.0 (.630) 3.17 (.125) DIA. 2.54 (.100) 2 PLCS. 1.19 (.047) DIA. 4 PLCS. 9.93 (.391) DIA. 14.9 ±.050 (.587 ±.020) DIA. 9.01 ±.020 (.355 ±.008) 22.2 ±.025 (.874 ±.010) 17.4 ±.025 (.685 ±.010) 15.87 ±.038 (.625 ±.015) 8.50 ±.025 (.335 ±.010) 4.75 +.076/-.050 (.187 +.003/-.002) DIA. 4.01 +.050/-.025 (.158 +.002/-.001) 3/8–32 UNEF 2A "D" DIMENSION EXTENDS FROM SHAFT END TO BUSHING FACE "D" = (SHAFT LENGTH, FMS) – (BUSHING LENGTH) Shaft Style C 5.54 ± .076 (.218 ± .003) "D" 6.32 + 0.03/– 0.06 (.249 + .001/– .003) DIA. Shaft Style J "D" 4.01 + .051/ – .025 (.158 + .002/ – .001) 0.94 (.042) 4.75 ± .006/-.051 (.187 + .003/-.002) DIA. 1.57 (.062) 3.55 (.140) Shaft Style Y 1.57 (.062) 4.7 (.185) DIA. 9.65 (.380) 14.7 (.578) SLOT DEPTH ("Y" SHAFT) FOR SHAFTS < 1 " LENGTH FOR SHAFTS ≥ 1 " LENGTH CHANNEL B CHANNEL A COMMON PANEL HOLE DIMENSIONS Bushing Mounted 9.52 (.375) 3.17 (.125) 9.14 (.360) DIA. DIA. .25 (.010) .13 (.005) MM (IN) Shaft Style R 1.6 (.063) 6.00 (.236) DIA. 1.19 (.047) 0.78 (.031) |