전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7C109KAMB45L 데이터시트(PDF) 14 Page - LOGIC Devices Incorporated

부품명 L7C109KAMB45L
상세설명  128K x 8 Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LODEV [LOGIC Devices Incorporated]
홈페이지  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L7C109KAMB45L 데이터시트(HTML) 14 Page - LOGIC Devices Incorporated

Back Button L7C109KAMB45L Datasheet HTML 7Page - LOGIC Devices Incorporated L7C109KAMB45L Datasheet HTML 8Page - LOGIC Devices Incorporated L7C109KAMB45L Datasheet HTML 9Page - LOGIC Devices Incorporated L7C109KAMB45L Datasheet HTML 10Page - LOGIC Devices Incorporated L7C109KAMB45L Datasheet HTML 11Page - LOGIC Devices Incorporated L7C109KAMB45L Datasheet HTML 12Page - LOGIC Devices Incorporated L7C109KAMB45L Datasheet HTML 13Page - LOGIC Devices Incorporated L7C109KAMB45L Datasheet HTML 14Page - LOGIC Devices Incorporated L7C109KAMB45L Datasheet HTML 15Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
LOGIC Devices Incorporated
www.logicdevices.com
14
Feb 17, 2012 LDS-L7C108/9-G
1M Static RAMs
128K x 8 Static RAM
L7C108
L7C109
NOTES
1. Maximum Ratings indicate stress specifica-
tions only. Functional operation of these products
at values beyond those indicated in the Operat-
ing Conditions table is not implied. Exposure to
maximum rating conditions for extended periods
may affect reliability of the tested device.
2. The products described by this specifica-
tion include internal circuitry designed to pro-
tect the chip from damaging substrate injection
currents and accumulations of static charge.
Nevertheless, conventional precautions should
be observed during storage, handling, and use
of these circuits in order to avoid exposure to
excessive electrical stress values.
3. This product provides hard clamping of tran-
sient undershoot. Input levels below ground will
be clamped beginning at –0.6 V. A current in
excess of 100 mA is required to reach –2.0 V.
The device can withstand indefinite operation
with inputs as low as –3 V subject only to power
dissipation and bond wire fusing constraints.
4. Tested with GND VOUT VCC. The device is
disabled, i.e., CE1 = VCC, CE2 = GND.
5. A series of normalized curves is available to
supply the designer with typical DC and AC
parametric information for Logic Devices Static
RAMs. These curves may be used to determine
device characteristics at various temperatures
and voltage levels.
6. Tested with all address and data inputs chang-
ing at the maximum cycle rate. The device is con-
tinuously enabled for reading, i.e., CE1 VIL, CE2
VIH, WE VIH, with outputs disabled, OE VIH.
Input pulse levels are 0 to 3.0 V.
7. Tested with outputs open and all address and
data inputs stable. The device is continuously
disabled, i.e., CE1 VIH, CE2 VIL.
8. Tested with outputs open and all address and
data inputs stable. The device is continuously
disabled, i.e. CE1 = VCC, CE2 = GND. Input
levels are within 0.2 V of VCC or GND.
9. Data retention operation requires that VCC
never drop below 2.0V. CE1 must be
VCC -
0.2 V or CE2 must be
0.2 V. All other inputs
must meet VIN
VCC - 0.2 V or VIN
0.2 V to
1
,
CE2, and WE; there are no restrictions on data
and address.
10. These parameters are guaranteed but not
100% tested.
11. Test conditions assume input transition times
of less than 3 ns, reference levels of 1.5 V, output
loading for specified IOL and IO
12. Each parameter is shown as a minimum or
maximum value. Input requirements are speci-
fied from the point of view of the external system
driving the chip. For example, tAVEW is specified
as a minimum since the external system must
supply at least that much time to meet the worst-
case requirements of all parts. Responses from
the internal circuitry are specified from the point
of view of the device. Access time, for example,
is specified as a maximum since worst-case
operation of any device always provides data
within that time.
13. WE is high for the read cycle.
1
low,
CE2
15. All address lines are valid prior-to or coinci-
dent-with the CE1 and CE2 transition to active.
16. The internal write cycle of the memory is
defined by the overlap of CE1 and CE2 active
and WE low. All three signals must be active to
initiate a write. Any signal can terminate a write
by going inactive. The address, data, and control
input setup and hold times should be referenced
to the signal that becomes active last or becomes
inactive first.
17. If WE goes low before or concurrent with the
latter of CE1 and CE2 going active, the output
remains in a high impedance state.
18. If CE1 and CE2 goes inactive before or con-
current with WE going high, the output remains in
a high impedance state.
19. Powerup from ICC2 to ICC1 occurs as a result
of any of the following conditions:
a. Rising edge of CE2
1
edge of CE1
2
1
, CE2
1
, CE
2,
1
, CE2, and
The device automatically powers down from ICC1
to ICC2 after tPD has elapsed from any of the prior
conditions. This means that power dissipation is
dependent on only cycle rate, and is not on Chip
Select pulse width.
20. At any given temperature and voltage con-
dition, output disable time is less than output
enable time for any given device.
21. Transition is measured ±200 mV from steady
state voltage with specified loading in Fig. 1b.
This parameter is sampled and not 100% tested.
22. All address timings are referenced from the
last valid address line to the first transitioning
address line.
23. CE1, CE2, or WE must be inactive during
address transitions.
24. This product is a very high speed device and
care must be taken during testing in order to real-
ize valid test information. Inadequate attention to
setups and procedures can cause a good part
to be rejected as faulty. Long high inductance
leads that cause supply bounce must be avoided
by bringing the VCC and ground planes directly
up to the contactor fingers. A 0.01 μF high fre-
quency capacitor is also required between VCC
and ground. To avoid signal reflections, proper
terminations must be used.
+5 V
OUTPUT
R1 480
30 pF
R2
255
INCLUDING
JIG AND
SCOPE
<3 ns
GND
+3.0 V
90%
10%
90%
10%
<3 ns
+5 V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
R1 480
R2
255
Figure 1a.
Figure 1b.
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com