| 전자부품 데이터시트 검색엔진 |
|
PIC18F4550ESOSQTP 데이터시트(PDF) 238 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4550ESOSQTP 데이터시트(HTML) 238 Page - Microchip Technology |
|
238 / 430 page ![]() PIC18F2455/2550/4455/4550 DS39632D-page 236 Preliminary © 2007 Microchip Technology Inc. TABLE 19-4: REGISTERS ASSOCIATED WITH I2C™ OPERATION Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset Values on Page INTCON GIE/GIEH PEIE/GIEL TMR0IE INT0IE RBIE TMR0IF INT0IF RBIF 51 PIR1 SPPIF(1) ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF 54 PIE1 SPPIE(1) ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE 54 IPR1 SPPIP(1) ADIP RCIP TXIP SSPIP CCP1IP TMR2IP TMR1IP 54 PIR2 OSCFIF CMIF USBIF EEIF BCLIF HLVDIF TMR3IF CCP2IF 54 PIE2 OSCFIE CMIE USBIE EEIE BCLIE HLVDIE TMR3IE CCP2IE 54 IPR2 OSCFIP CMIP USBIP EEIP BCLIP HLVDIP TMR3IP CCP2IP 54 TRISC TRISC7 TRISC6 — — — TRISC2 TRISC1 TRISC0 54 TRISD(1) TRISD7 TRISD6 TRISD5 TRISD4 TRISD3 TRISD2 TRISD1 TRISD0 54 SSPBUF MSSP Receive Buffer/Transmit Register 52 SSPADD MSSP Address Register in I2C Slave mode. MSSP Baud Rate Reload Register in I2C Master mode. 52 TMR2 Timer2 Register 52 PR2 Timer2 Period Register 52 SSPCON1 WCOL SSPOV SSPEN CKP SSPM3 SSPM2 SSPM1 SSPM0 52 SSPCON2 GCEN ACKSTAT ACKDT ACKEN RCEN PEN RSEN SEN 52 SSPSTAT SMP CKE D/A PS R/W UA BF 52 Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by the MSSP in I2C™ mode. Note 1: These registers or bits are not implemented in 28-pin devices. |