| 전자부품 데이터시트 검색엔진 |
|
PIC18F4550ESOSQTP 데이터시트(PDF) 262 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F4550ESOSQTP 데이터시트(HTML) 262 Page - Microchip Technology |
|
262 / 430 page ![]() PIC18F2455/2550/4455/4550 DS39632D-page 260 Preliminary © 2007 Microchip Technology Inc. REGISTER 21-2: ADCON1: A/D CONTROL REGISTER 1 U-0 U-0 R/W-0 R/W-0 R/W-0(1) R/W(1) R/W(1) R/W(1) — — VCFG0 VCFG0 PCFG3 PCFG2 PCFG1 PCFG0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-6 Unimplemented: Read as ‘0’ bit 5 VCFG0: Voltage Reference Configuration bit (VREF- source) 1 = VREF- (AN2) 0 = VSS bit 4 VCFG0: Voltage Reference Configuration bit (VREF+ source) 1 = VREF+ (AN3) 0 = VDD bit 3-0 PCFG3:PCFG0: A/D Port Configuration Control bits: Note 1: The POR value of the PCFG bits depends on the value of the PBADEN Configuration bit. When PBADEN = 1, PCFG<3:0> = 0000; when PBADEN = 0, PCFG<3:0> = 0111. 2: AN5 through AN7 are available only on 40/44-pin devices. A = Analog input D = Digital I/O PCFG3: PCFG0 0000(1) A A A A AAAAA A A A A 0001 A A A A AAAAA A A A A 0010 A A A A AAAAA A A A A 0011 D A A A AAAAA A A A A 0100 D D A A AAAAA A A A A 0101 D D D A AAAAA A A A A 0110 D D D D AAAAA A A A A 0111(1) D D D D D AAAA A A A A 1000 DDD D D D A A A A A A A 1001 DDD D D D D A A A A A A 1010 D D D D DDDD A A A A A 1011 D D D D DDDDD A A A A 1100 D D D D DDDDD D A A A 1101 D D D D DDDDD D D A A 1110 D D D D DDDDD D D D A 1111 D D D D DDDDD D D D D |