전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24FJ128GA310 데이터시트(PDF) 328 Page - Microchip Technology

부품명 PIC24FJ128GA310
상세설명  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 데이터시트(HTML) 328 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 324Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 325Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 326Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 327Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 328Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 329Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 330Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 331Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 332Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 328
 2010-2011 Microchip Technology Inc.
bit 5-2
EDG2SEL<3:0>:
Edge 2 Source Select bits
1111
= Edge 2 source is Comparator 3 output
1110
= Edge 2 source is Comparator 2 output
1101
= Edge 2 source is Comparator 1 output
1100
= Unimplemented Do not use
1011
= Edge 2 source is IC3
1010
= Edge 2 source is IC2
1001
= Edge 2 source is IC1
1000
= Edge 2 source is CTED13
0111
= Edge 2 source is CTED12
0110
= Edge 2 source is CTED11(1)
0101
= Edge 2 source is CTED10(1)
0100
= Edge 2 source is CTED9
0011
= Edge 2 source is CTED1
0010
= Edge 2 source is CTED2
0001
= Edge 2 source is OC1
0000
= Edge 2 source is Timer1
bit 1-0
Unimplemented:
Read as ‘0’
REGISTER 27-2:
CTMUCON2: CTMU CONTROL REGISTER 2 (CONTINUED)
Note 1:
Edge sources, CTED3, CTED7, CTED10 and CTED11, are available in 100-pin devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More