| 전자부품 데이터시트 검색엔진 |
|
MPC8245ECS02AD 데이터시트(PDF) 12 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8245ECS02AD 데이터시트(HTML) 12 Page - Freescale Semiconductor, Inc |
|
12 / 68 page ![]() MPC8245 Integrated Processor Hardware Specifications, Rev. 10 12 Freescale Semiconductor Electrical and Thermal Characteristics 4.3 Power Characteristics Table 5 provides power consumption data for the MPC8245. Table 5. Power Consumption Mode PCI Bus Clock/Memory Bus Clock/CPU Clock Frequency (MHz) Unit Notes 66/66/266 66/133/266 66/66/300 66/100/300 33/83/333 66/133/333 66/100/350 Typical 1.7 (1.5) 2.0 (1.8) 1.8 (1.7) 2.0 (1.8) 2.0 2.3 2.2 W 1, 5 Max—FP 2.2 (1.9) 2.4 (2.1) 2.3 (2.0) 2.5 (2.2) 2.6 2.8 2.8 W 1, 2 Max—INT 1.8 (1.6) 2.1 (1.8) 2.0 (1.8) 2.1 (1.8) 2.2 2.4 2.4 W 1, 3 Doze 1.1 (1.0) 1.4 (1.3) 1.2 (1.1) 1.4 (1.3) 1.4 1.6 1.5 W 1, 4, 6 Nap 0.4 (0.4) 0.7 (0.7) 0.4 (0.4) 0.6 (0.6) 0.5 0.7 0.6 W 1, 4, 6 Sleep 0.2 (0.2) 0.4 (0.4) 0.2 (0.4) 0.3 (0.3) 0.3 0.4 0.3 W 1, 4, 6 I/O Power Supplies 10 Mode Min Max Unit Notes Typ—OVDD 134 (121) 334 (301) mW 7, 8 Typ—GVDD 324 (292) 800 (720) mW 7, 9 Notes: 1. The values include VDD, AVDD, and AVDD2 but do not include I/O supply power. Information on OVDD and GVDD supply power is captured in the I/O power supplies section of this table. Values shown in parenthesis ( ) indicate power consumption at VDD/AVDD/AVDD2 = 1.8 V. 2. Maximum—FP power is measured at VDD = 2.1 V with dynamic power management enabled while running an entirely cache-resident, looping, floating-point multiplication instruction. 3. Maximum—INT power is measured at VDD = 2.1 V with dynamic power management enabled while running entirely cache-resident, looping, integer instructions. 4. Power saving mode maximums are measured at VDD = 2.1 V while the device is in doze, nap, or sleep mode. 5. Typical power is measured at VDD = AVDD = 2.0 V, OVDD = 3.3 V where a nominal FP value, a nominal INT value, and a value where there is a continuous flush of cache lines with alternating ones and zeros on 64-bit boundaries to local memory are averaged. 6. Power saving mode data measured with only two PCI_CLKs and two SDRAM_CLKs enabled. 7. The typical minimum I/O power values were results of the MPC8245 performing cache resident integer operations at the slowest frequency combination of 33:66:200 (PCI:Mem:CPU) MHz. 8. The typical maximum OVDD value resulted from the MPC8245 operating at the fastest frequency combination of 66:100:350 (PCI:Mem:CPU) MHz and performing continuous flushes of cache lines with alternating ones and zeros to PCI memory. 9. The typical maximum GVDD value resulted from the MPC8245 operating at the fastest frequency combination of 66:100:350 (PCI:Mem:CPU) MHz and performing continuous flushes of cache lines with alternating ones and zeros on 64-bit boundaries to local memory. 10.Power consumption of PLL supply pins (AVDD and AVDD2) < 15 mW. Guaranteed by design and not tested. |