| 전자부품 데이터시트 검색엔진 |
|
LP62S1024AX-55LLT 데이터시트(PDF) 4 Page - AMIC Technology |
|
|
|||||||||||||||||||||||||||||
LP62S1024AX-55LLT 데이터시트(HTML) 4 Page - AMIC Technology |
|
4 / 17 page ![]() LP62S1024A-T Series (August, 2001, Version 1.0) 4 AMIC Technology, Inc. Absolute Maximum Ratings* VCC to GND .............................................. -0.5V to +4.6V IN, IN/OUT Volt to GND .....................-0.5V to VCC +0.5V Operating Temperature, Topr ................... -25 °C to +85°C Storage Temperature, Tstg..................... -55 °C to +125°C Temperature Under Bias, Tbias................ -10 °C to +85°C Power Dissipation, PT ...............................................0.7W *Comments Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to this device. These are stress ratings only. Functional operation of this device at these or any other conditions above those indicated in the operational sections of this specification is not implied or intended. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability. DC Electrical Characteristics (TA = -25 °C to +85°C, VCC = 2.7V to 3.6V, GND = 0V) Symbol Parameter LP62S1024A-55LLT/70LLT Unit Conditions Min. Max. ILI Input Leakage Current - 1 µA VIN = GND to VCC ILO Output Leakage Current - 1 µA CE1 = VIH or CE2 = VIL or OE = VIH or WE = VIL VI/O = GND to VCC ICC Active Power Supply Current - 3 mA CE1 = VIL, CE2 = VIH II/O = 0mA - -70NS:30 ICC1 Dynamic Operating - -55NS:40 mA Min. Cycle, Duty = 100% CE1 = VIL, CE2 = VIH II/O = 0mA ICC2 Current - 5 mA CE1 = VIL, CE2 = VIH VIH = VCC, VIL = 0V f = 1 MHZ, II/O = 0mA |