| 전자부품 데이터시트 검색엔진 |
|
STM32F103RG 데이터시트(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103RG 데이터시트(HTML) 30 Page - STMicroelectronics |
|
30 / 120 page ![]() Pinouts and pin descriptions STM32F103xF, STM32F103xG 30/120 Doc ID 16554 Rev 3 L1 - 21 32 VREF+ SVREF+ M1 13 22 33 VDDA SVDDA J2 14 23 34 PA0-WKUP I/O PA0 WKUP/USART2_CTS(8) / ADC123_IN0 / TIM2_CH1_ETR / TIM5_CH1 / TIM8_ETR K2 15 24 35 PA1 I/O PA1 USART2_RTS(7) / ADC123_IN1 / TIM5_CH2 / TIM2_CH2(7) L2 16 25 36 PA2 I/O PA2 USART2_TX(7) / TIM5_CH3 / ADC123_IN2 / TIM9_CH1 / TIM2_CH3 (7) M2 17 26 37 PA3 I/O PA3 USART2_RX(7) / TIM5_CH4 / ADC123_IN3 / TIM2_CH4(7)/ TIM9_CH2 G4 18 27 38 VSS_4 SVSS_4 F4 19 28 39 VDD_4 SVDD_4 J3 20 29 40 PA4 I/O PA4 SPI1_NSS(7) / USART2_CK(7) / DAC_OUT1 / ADC12_IN4 K3 21 30 41 PA5 I/O PA5 SPI1_SCK(7) / DAC_OUT2 / ADC12_IN5 L3 22 31 42 PA6 I/O PA6 SPI1_MISO(7) / TIM8_BKIN / ADC12_IN6 / TIM3_CH1(7)/ TIM13_CH1 TIM1_BKIN M3 23 32 43 PA7 I/O PA7 SPI1_MOSI(7)/ TIM8_CH1N / ADC12_IN7 / TIM3_CH2(7) / TIM14_CH1 TIM1_CH1N J4 24 33 44 PC4 I/O PC4 ADC12_IN14 K4 25 34 45 PC5 I/O PC5 ADC12_IN15 L4 26 35 46 PB0 I/O PB0 ADC12_IN8 / TIM3_CH3 / TIM8_CH2N TIM1_CH2N M4 27 36 47 PB1 I/O PB1 ADC12_IN9 / TIM3_CH4(7) / TIM8_CH3N TIM1_CH3N J5 28 37 48 PB2 I/O FT PB2/BOOT1 M5 - - 49 PF11 I/O FT PF11 FSMC_NIOS16 L5 - - 50 PF12 I/O FT PF12 FSMC_A6 H5 - - 51 VSS_6 SVSS_6 G5 - - 52 VDD_6 SVDD_6 K5 - - 53 PF13 I/O FT PF13 FSMC_A7 Table 5. STM32F103xF and STM32F103xG pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |